Electronic Components Datasheet Search
  English  ▼

X  

M0519 Datasheet(PDF) 33 Page - List of Unclassifed Manufacturers

Part # M0519
Description  32-bit Microcontroller
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

M0519 Datasheet(HTML) 33 Page - List of Unclassifed Manufacturers

Back Button M0519 Datasheet HTML 29Page - List of Unclassifed Manufacturers M0519 Datasheet HTML 30Page - List of Unclassifed Manufacturers M0519 Datasheet HTML 31Page - List of Unclassifed Manufacturers M0519 Datasheet HTML 32Page - List of Unclassifed Manufacturers M0519 Datasheet HTML 33Page - List of Unclassifed Manufacturers M0519 Datasheet HTML 34Page - List of Unclassifed Manufacturers M0519 Datasheet HTML 35Page - List of Unclassifed Manufacturers M0519 Datasheet HTML 36Page - List of Unclassifed Manufacturers M0519 Datasheet HTML 37Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 69 page
background image
M0519
Nov. 02, 2016
Page 33 of 69
Rev 1.02
Exception
Number
Vector
Address
Interrupt Number
(Bit In Interrupt
Registers)
Interrupt
Name
Source
Module
Exception Description
Power
Down
Wake-Up
29
0x74
13
UART1_INT
UART1
UART1 interrupt
Yes
30
0x78
14
SPI0_INT
SPI0
SPI0 interrupt
No
31
0x7C
15
SPI1_INT
SPI1
SPI1 interrupt
No
32
0x80
16
SPI2_INT
SPI2
SPI2 interrupt
No
33
0x84
17
Reserved
Reserved
Reserved
-
33
0x84
17
Reserved
Reserved
Reserved
No
34
0x88
18
I2C0_INT
I
2C0
I
2
C0 interrupt
Yes
35
0x8C
19
CKD_INT
CKD
CKD interrupt
No
36
0x90
20
Reserved
Reserved
Reserved
-
36
0x90
20
Reserved
Reserved
Reserved
-
37
0x94
21
EPWM0_INT
EPWM0
Enhanced PWM0 interrupt
No
38
0x98
22
EPWM1_INT
EPWM1
Enhanced PWM1 interrupt
No
39
0x9C
23
ECAP0_INT
ECAP0
Enhanced input capture 0 interrupt
No
40
0xA0
24
ECAP1_INT
ECAP1
Enhanced input capture 1 interrupt
No
41
0xA4
25
ACMP_INT
ACMP
Analog Comparator 0 or 1, or OP
Amplifier digital output interrupt
Yes (only
by analog
comparator)
42
0xA8
26
Reserved
Reserved
Reserved
-
43
0xAC
27
Reserved
Reserved
Reserved
-
42
0xA8
26
Reserved
Reserved
Reserved
-
43
0xAC
27
Reserved
Reserved
Reserved
-
44
0xB0
28
PWRWU_INT
CLKC
Clock controller interrupt for chip wake
up from power-down state
-
45
0xB4
29
EADC1_INT
EADC1
EADC1 interrupt
No
46
0xB8
30
EADC2_INT
EADC2
EADC2 interrupt
No
47
0xBC
31
EADC3_INT
EADC3
EADC3 interrupt
No
Table 6-3 System Interrupt Map Vector Table



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com