Electronic Components Datasheet Search
  English  ▼

X  

M0519 Datasheet(PDF) 46 Page - List of Unclassifed Manufacturers

Part # M0519
Description  32-bit Microcontroller
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

M0519 Datasheet(HTML) 46 Page - List of Unclassifed Manufacturers

Back Button M0519 Datasheet HTML 42Page - List of Unclassifed Manufacturers M0519 Datasheet HTML 43Page - List of Unclassifed Manufacturers M0519 Datasheet HTML 44Page - List of Unclassifed Manufacturers M0519 Datasheet HTML 45Page - List of Unclassifed Manufacturers M0519 Datasheet HTML 46Page - List of Unclassifed Manufacturers M0519 Datasheet HTML 47Page - List of Unclassifed Manufacturers M0519 Datasheet HTML 48Page - List of Unclassifed Manufacturers M0519 Datasheet HTML 49Page - List of Unclassifed Manufacturers M0519 Datasheet HTML 50Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 69 page
background image
M0519
Nov. 02, 2016
Page 46 of 69
Rev 1.02
Universal Asynchronous Receiver Transmitter (UART)
6.12
6.12.1 Overview
The NuMicro
® M0519 series provides two channels of Universal Asynchronous
Receiver/Transmitters (UART). UART Controller performs Normal Speed UART and supports
flow control function. The UART Controller performs a serial-to-parallel conversion on data
received from the peripheral and a parallel-to-serial conversion on data transmitted from the CPU.
Each UART Controller channel supports seven types of interrupts. The UART controller also
supports IrDA SIR, RS-485 and LIN.
6.12.2 Features
Full duplex, asynchronous communications
Separates receive / transmit 16 bytes entry FIFO for data payloads
Supports hardware auto-flow control/flow control function (nCTS, nRTS) and programmable
nRTS flow control trigger level
Programmable receiver buffer trigger level
Supports programmable baud-rate generator for each channel individually
Supports nCTS wake-up function
Supports 8-bit receiver buffer time out detection function
Programmable transmitting data delay time between the last stop and the next start bit by
setting DLY (UA_TOR [15:8]) register
Supports break error, frame error, parity error and receive / transmit buffer overflow detect
function
Fully programmable serial-interface characteristics
Programmable data bit length, 5-, 6-, 7-, 8-bit character
Programmable parity bit, even, odd, no parity or stick parity bit generation and
detection
Programmable stop bit length, 1, 1.5, or 2 stop bit generation
IrDA SIR function mode
Supports 3-/16-bit duration for normal mode
LIN function mode
Supports LIN master/slave mode
Supports programmable break generation function for transmitter
Supports break detect function for receiver
RS-485 function mode
Supports RS-485 9-bit mode
Supports hardware or software direct enable control provided by nRTS pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com