Electronic Components Datasheet Search
  English  ▼

X  

M0519 Datasheet(PDF) 57 Page - List of Unclassifed Manufacturers

Part # M0519
Description  32-bit Microcontroller
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

M0519 Datasheet(HTML) 57 Page - List of Unclassifed Manufacturers

Back Button M0519 Datasheet HTML 53Page - List of Unclassifed Manufacturers M0519 Datasheet HTML 54Page - List of Unclassifed Manufacturers M0519 Datasheet HTML 55Page - List of Unclassifed Manufacturers M0519 Datasheet HTML 56Page - List of Unclassifed Manufacturers M0519 Datasheet HTML 57Page - List of Unclassifed Manufacturers M0519 Datasheet HTML 58Page - List of Unclassifed Manufacturers M0519 Datasheet HTML 59Page - List of Unclassifed Manufacturers M0519 Datasheet HTML 60Page - List of Unclassifed Manufacturers M0519 Datasheet HTML 61Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 69 page
background image
M0519
Nov. 02, 2016
Page 57 of 69
Rev 1.02
PARAMETER
SYM.
SPECIFICATION
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
IPWD6
-
A
3.3V
Χ
Χ
Χ
Logic 0 Input Current (Quasi-
bidirectional mode)
IIL
-
-
-75
A
Input Leakage Current (input
only)
ILK
-
-
2
A
Logic 1 to 0 Transition
Current (Quasi-bidirectional
mode)
ITL
[3]
-
-
-660
A
VDD = 5.5V, VIN<2.0V
Internal Pull-High Resistor of
/RESET
[1]
RRST
15
-
-
k
Ω
Input Low Voltage (TTL
input)
VIL
-0.3
-
0.2VDD-0.1
V
Input Low Voltage (Schmitt
input)
VIL1
-0.3
0.3VDD
V
Input Low Voltage (/RESET,
XTAL in)
VIL2
-0.3
0.15VDD
V
Input High Voltage (TTL
input)
VIH
0.2VDD+0.9
-
VDD +0.3
V
Input High Voltage (Schmitt
input, /RESET, XTAL in)
VIH1
0.7VDD
-
VDD +0.3
V
Hysteresis voltage of
(Schmitt input)
VHY
-
0.2VDD
-
V
Source Current (Quasi-
bidirectional Mode)
IOH
-360
-
-
A
VDD = 4.5V, VS = 2.4V
-60
-
-
A
VDD = 2.7V, VS = 2.2V
-50
-
-
A
VDD = 2.5V, VS = 2.0V
Source Current (Push-pull
Mode)
IOH1
-25
-
-
mA
VDD = 4.5V, VS = 2.4V
-4
-
-
mA
VDD = 2.7V, VS = 2.2V
-3
-
-
mA
VDD = 2.5V, VS = 2.0V
Sink Current (Quasi-
bidirectional and Push-pull
Mode)
IOL
16
-
-
mA
VDD = 4.5V, VS = 0.45V
10
-
-
mA
VDD = 2.7V, VS = 0.45V
9
-
-
mA
VDD = 2.5V, VS = 0.45V
Note:
1. /RESET pin is a Schmitt trigger input.
2. Crystal Input is a CMOS input.
3. I/O pin can source a transition current when they are being externally driven from 1 to 0. In the condition of VDD=5.5V,
5he transition current reaches its maximum value when VIN approximates to 2V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com