Electronic Components Datasheet Search
  English  ▼

X  

M0519 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # M0519
Description  32-bit Microcontroller
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

M0519 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button M0519 Datasheet HTML 4Page - List of Unclassifed Manufacturers M0519 Datasheet HTML 5Page - List of Unclassifed Manufacturers M0519 Datasheet HTML 6Page - List of Unclassifed Manufacturers M0519 Datasheet HTML 7Page - List of Unclassifed Manufacturers M0519 Datasheet HTML 8Page - List of Unclassifed Manufacturers M0519 Datasheet HTML 9Page - List of Unclassifed Manufacturers M0519 Datasheet HTML 10Page - List of Unclassifed Manufacturers M0519 Datasheet HTML 11Page - List of Unclassifed Manufacturers M0519 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 69 page
background image
M0519
Nov. 02, 2016
Page 8 of 69
Rev 1.02
–
Supports multiple clock sources from HCLK/2048 (default selection) and LIRC
–
Window set by 6-bit counter with 11-bit prescale
–
Able to wake up from Power-down or Idle mode
 Basic PWM
–
1 unit of 16-bit basic PWM, up to 2ch output
–
Alternative
function as input capture timer
 Enhanced PWM
–
2 units of 16-bit enhanced PWM, up to 6ch output with dead-zone control, brake and
polarity control for motor drive
–
Default
tri-state during any reset
 Enhanced Input Capture
–
Up to 2 units of 24-bit input capture
–
Each
unit has 3 inputs: ECAPx_IC0, ECAPx_IC1 and ECAPx_IC2
 UART
–
Up to two 16550 compatible UART devices
–
Programmable baud-rate generator
–
Buffered
receiving and transmitting, each with 16 bytes FIFO
–
Supports
flow control (TX, RX, CTS and RTS)
–
Supports
IrDA(SIR) function
–
Supports
RS-485
 SPI
–
Up to three sets of SPI device
–
Supports
SPI master/slave mode
–
Full duplex synchronous serial data transfer
–
Variable
length of transfer data from 8 to 32 bits
–
MSB or LSB first data transfer
–
Rx and Tx on both rising or falling edge of serial clock independently
–
Supports Byte Suspend mode in 32-bit transmission
 I
2C
–
Master/Slave up to 1 Mbit/s
–
Bi-directional data transfer between masters and slaves
–
Multi-master bus (no central master)
–
Arbitration
between simultaneously transmitting masters
–
Programmable
clocks allow versatile rate control
–
Multiple address recognition (four slave address with mask option)
 ADC
–
Two A/D converters
–
Each ADC with up to 8 channel, 12-bit resolution with 10-bit accuracy
–
16 result registers
–
Sampling rate up to 800ksps
–
Two
operating modes:
Single Sampling mode: Only one specified channel can be sampled at one time.
Simultaneous Sampling mode: Allowing two ADC channels to be sampled
simultaneously.
–
Two converting result digital comparators
–
Conversion start by software, external pins, or linked with Timer 0~3 or PWM module
 Up to three Analog Comparators
 Up to two OPA (operational amplifier)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com