Electronic Components Datasheet Search
  English  ▼

X  

M0519 Datasheet(PDF) 63 Page - List of Unclassifed Manufacturers

Part # M0519
Description  32-bit Microcontroller
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

M0519 Datasheet(HTML) 63 Page - List of Unclassifed Manufacturers

Back Button M0519 Datasheet HTML 59Page - List of Unclassifed Manufacturers M0519 Datasheet HTML 60Page - List of Unclassifed Manufacturers M0519 Datasheet HTML 61Page - List of Unclassifed Manufacturers M0519 Datasheet HTML 62Page - List of Unclassifed Manufacturers M0519 Datasheet HTML 63Page - List of Unclassifed Manufacturers M0519 Datasheet HTML 64Page - List of Unclassifed Manufacturers M0519 Datasheet HTML 65Page - List of Unclassifed Manufacturers M0519 Datasheet HTML 66Page - List of Unclassifed Manufacturers M0519 Datasheet HTML 67Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 69 page
background image
M0519
Nov. 02, 2016
Page 63 of 69
Rev 1.02
7.4.8
OP Amplifier
PARAMETER
CONDITION
MIN.
TYP.
MAX.
UNIT
AVDD
-
3.0
3.3
5.5
V
Input offset voltage
-
-
2
5
mV
Input offset average drift
-
-
1
uV/℃
Output swing
-
0.1
-
VDD-0.1
V
Input common mode range
-
0.1
-
VDD-1.2
V
DC gain
-
-
80
-
dB
Unity gain freq.
AVDD=5V
-
-
5
MHz
Phase margin
-
50°
-
°
PSRR+
AVDD=5V
-
90
-
dB
CMRR
AVDD=5V
-
90
-
dB
Slew rate
AVDD=5V, RLOAD=33K,
CLOAD=50p
6.0
-
-
V/us
Wake up time
-
-
1
us
Quiescent current
-
-
2
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com