Electronic Components Datasheet Search
  English  ▼

X  

M0519 Datasheet(PDF) 35 Page - List of Unclassifed Manufacturers

Part # M0519
Description  32-bit Microcontroller
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

M0519 Datasheet(HTML) 35 Page - List of Unclassifed Manufacturers

Back Button M0519 Datasheet HTML 31Page - List of Unclassifed Manufacturers M0519 Datasheet HTML 32Page - List of Unclassifed Manufacturers M0519 Datasheet HTML 33Page - List of Unclassifed Manufacturers M0519 Datasheet HTML 34Page - List of Unclassifed Manufacturers M0519 Datasheet HTML 35Page - List of Unclassifed Manufacturers M0519 Datasheet HTML 36Page - List of Unclassifed Manufacturers M0519 Datasheet HTML 37Page - List of Unclassifed Manufacturers M0519 Datasheet HTML 38Page - List of Unclassifed Manufacturers M0519 Datasheet HTML 39Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 69 page
background image
M0519
Nov. 02, 2016
Page 35 of 69
Rev 1.02
Clock Controller
6.3
6.3.1
Overview
The clock controller generates the clocks for the whole chip, including system clocks and all
peripheral clocks. The clock controller also implements the power control function with the
individually clock ON/OFF control, clock source selection and clock divider. The chip enters
Power-down mode when Cortex
® -M0 core executes the WFI instruction only if the SLEEPDEEP
(SCR[2]) bit is set to 1. After that, chip enters Power-down mode and wait for wake-up interrupt
source triggered to leave Power-down mode. In the Power-down mode, the clock controller turns
off the 4~24 MHz external high speed crystal oscillator and 22.1184 MHz internal high speed RC
oscillator to reduce the overall system power consumption. Figure 6-3 shows the clock generator
and the overview of the clock source control.
The clock generator consists of 4 clock sources as listed below:
4~24 MHz external high speed crystal oscillator (HXT)
Programmable PLL output clock frequency (PLL_FOUT), PLL source can be selected
from 4~24 MHz external high speed crystal oscillator (HXT) or 22.1184 MHz internal
high speed RC oscillator (HIRC)
22.1184 MHz internal high speed RC oscillator (HIRC)
10 kHz internal low speed RC oscillator (LIRC)
Each of these clock sources has certain stable time to wait for clock operating at stable
frequency. When clock source is enabled, a stable counter start counting and correlated clock
stable
index
(OSC22M_STB(CLKSTATUS[4]),
OSC10K_STB(CLKSTATUS[3]),
PLL_STB(CLKSTATUS[2]) and XTL12M_STB(CLKSTATUS[0])) are set to 1 after stable counter
value reach a define value as Table 6-5. System and peripheral can use these clock as its
operating clock only when correlate clock stable index is set to 1. The clock stable index will auto
clear
when
user
disables
the
clock
source
(OSC10K_EN(PWRCON[3]),
OSC22M_EN(PWRCON[2]), XTL12M_EN(PWRCON[0]) and PD(PLLCON[16])). Besides, the
clock stable index of HXT, HIRC and PLL will auto clear when chip enter power-down and clock
stable counter will re-counting after chip wake-up if correlate clock is enabled.
Clock Source
Clock Stable Count Value
HXT
4096 HXT clock
PLL
6144 PLL source
(PLL source is HXT if PLL_SRC(PLLCON[19]) = 0, or HIRC if PLL_SRC(PLLCON[19]) = 1)
HIRC
256 HIRC clock
LIRC
1 LIRC
Table 6-5 Clock Stable Count Value Table



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com