Electronic Components Datasheet Search
  English  ▼

X  

M0519 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # M0519
Description  32-bit Microcontroller
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

M0519 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button M0519 Datasheet HTML 2Page - List of Unclassifed Manufacturers M0519 Datasheet HTML 3Page - List of Unclassifed Manufacturers M0519 Datasheet HTML 4Page - List of Unclassifed Manufacturers M0519 Datasheet HTML 5Page - List of Unclassifed Manufacturers M0519 Datasheet HTML 6Page - List of Unclassifed Manufacturers M0519 Datasheet HTML 7Page - List of Unclassifed Manufacturers M0519 Datasheet HTML 8Page - List of Unclassifed Manufacturers M0519 Datasheet HTML 9Page - List of Unclassifed Manufacturers M0519 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 69 page
background image
M0519
Nov. 02, 2016
Page 6 of 69
Rev 1.02
1
GENERAL DESCRIPTION
The NuMicro
® M0519 Series 32-bit microcontroller is embedded with the newest ARM® Cortex® -
M0 core at a cost equivalent to traditional 8-bit microcontroller for industrial control and
applications which need high performance.
The NuMicro
®
M0519 Series embedded with the Cortex
® -M0 core runs up to 72 MHz and
supports a variety of industrial control and applications which need high CPU performance. The
NuMicro
® M0519 Series provides 128K/64K bytes embedded flash, 4 Kbytes data flash, 8 Kbytes
flash for the ISP, and 16K bytes embedded SRAM. This MCU includes advanced PWM function
and input capture timer which are specially designed for motor driving application. It is also
equipped with plenty of peripheral devices, such as Timers, Watchdog Timer, UART, SPI, I2C,
PWM Timer, GPIO, 12-bit ADC, Low Voltage Detector and Brown-out detector. These useful
functions make the NuMicro
® M0519 Series powerful for a wide range of applications.
In addition, the NuMicro
® M0519 Series is equipped with ISP (In-System Programming), ICP (In-
Circuit Programming) functions and IAP (In-Application Programming) which allow user to update
the program memory without removing the chip from the actual end product.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com