Electronic Components Datasheet Search
  English  ▼

X  

M0519 Datasheet(PDF) 65 Page - List of Unclassifed Manufacturers

Part # M0519
Description  32-bit Microcontroller
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

M0519 Datasheet(HTML) 65 Page - List of Unclassifed Manufacturers

Back Button M0519 Datasheet HTML 61Page - List of Unclassifed Manufacturers M0519 Datasheet HTML 62Page - List of Unclassifed Manufacturers M0519 Datasheet HTML 63Page - List of Unclassifed Manufacturers M0519 Datasheet HTML 64Page - List of Unclassifed Manufacturers M0519 Datasheet HTML 65Page - List of Unclassifed Manufacturers M0519 Datasheet HTML 66Page - List of Unclassifed Manufacturers M0519 Datasheet HTML 67Page - List of Unclassifed Manufacturers M0519 Datasheet HTML 68Page - List of Unclassifed Manufacturers M0519 Datasheet HTML 69Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 65 / 69 page
background image
M0519
Nov. 02, 2016
Page 65 of 69
Rev 1.02
8
PACKAGE DIMENSIONS
LQFP 100V (14x14x1.4 mm footprint 2.0mm)
8.1
Controlling Dimension : Millimeters
0.10
0
7
0
0.004
1.00
0.75
0.60
0.45
0.039
0.030
0.024
0.018
0.638
0.630
0.622
0.50
14.10
0.20
0.27
1.45
1.60
14.00
1.40
13.90
0.10
0.17
1.35
0.05
0.008
0.011
0.057
0.063
0.055
0.020
0.556
0.551
0.547
0.004
0.007
0.053
0.002
Symbol
Min
Nom
Max
Max
Nom
Min
Dimension in inch
Dimension in mm
A
b
c
D
e
H
D
H
E
L
y
A1
A
2
L1
E
0.009
0.006
0.15
0.22
7
13.90
14.00
14.10
15.80
16.00
16.20
15.80
16.00
16.20
0.556
0.551
0.547
0.638
0.630
0.622
D
D
E
E
b
A2
A1
A
L1
e
c
L
Y
H
H
1
100
25
26
50
51
7
5
7
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com