Electronic Components Datasheet Search
  English  ▼

X  

M0519 Datasheet(PDF) 18 Page - List of Unclassifed Manufacturers

Part # M0519
Description  32-bit Microcontroller
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

M0519 Datasheet(HTML) 18 Page - List of Unclassifed Manufacturers

Back Button M0519 Datasheet HTML 14Page - List of Unclassifed Manufacturers M0519 Datasheet HTML 15Page - List of Unclassifed Manufacturers M0519 Datasheet HTML 16Page - List of Unclassifed Manufacturers M0519 Datasheet HTML 17Page - List of Unclassifed Manufacturers M0519 Datasheet HTML 18Page - List of Unclassifed Manufacturers M0519 Datasheet HTML 19Page - List of Unclassifed Manufacturers M0519 Datasheet HTML 20Page - List of Unclassifed Manufacturers M0519 Datasheet HTML 21Page - List of Unclassifed Manufacturers M0519 Datasheet HTML 22Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 69 page
background image
M0519
Nov. 02, 2016
Page 18 of 69
Rev 1.02
Pin Number
Pin Name
Pin
Type
[1]
Description
100- pin
64-pin
48-pin
47
-
-
P2.2
I/O
General purpose digital I/O pin
ECAP0_IC1
I
Input 1 of Enhanced Input Capture Unit 0
46
-
-
P2.3
I/O
General purpose digital I/O pin
ECAP0_IC0
I
Input 0 of Enhanced Input Capture Unit 0
41
28
-
P2.4
I/O
General purpose digital I/O pin
40
27
-
P2.5
I/O
General purpose digital I/O pin
39
26
22
P2.6
I/O
General purpose digital I/O pin
SPI0_SS
I/O
SPI0 slave select pin
UART1_nCTS
I
UART1 CTS pin
38
25
21
P2.7
I/O
General purpose digital I/O pin
SPI0_CLK
I/O
SPI0 serial clock pin
UART1_nRTS
O
UART1 RTS pin
31
19
17
P3.0
I/O
General purpose digital I/O pin
UART0_RXD
I
Data Receiver input pin for UART0
32
20
18
P3.1
I/O
General purpose digital I/O pin
UART0_TXD
O
Data transmitter output pin for UART0
ACMP0_O
AO
Analog comparator 0 output
7
3
-
P3.2
I/O
General purpose digital I/O pin
INT0
I
External Interrupt 0 input pin
27
-
-
P3.3
I/O
General purpose digital I/O pin
INT1
I
External Interrupt 1 input pin
6
2
-
P3.4
I/O
General purpose digital I/O pin
TM0
I/O
Timer0 external clock
I2C0_SDA
I/O
I2C0 data input/output pin
5
1
-
P3.5
I/O
General purpose digital I/O pin
TM1
I/O
Timer1 external clock
I2C0_SCL
I/O
I2C0 clock output pin
4
-
-
P3.6
I/O
General purpose digital I/O pin
3
-
-
P3.7
I/O
General purpose digital I/O pin
23
-
-
P4.0
I/O
General purpose digital I/O pin
ECAP1_IC0
I
Input 0 of Enhanced Input Capture Unit 1
24
-
-
P4.1
I/O
General purpose digital I/O pin
ECAP1_IC1
I
Input 1 of Enhanced Input Capture Unit 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com