Electronic Components Datasheet Search
  English  ▼

X  

M0519 Datasheet(PDF) 52 Page - List of Unclassifed Manufacturers

Part # M0519
Description  32-bit Microcontroller
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

M0519 Datasheet(HTML) 52 Page - List of Unclassifed Manufacturers

Back Button M0519 Datasheet HTML 48Page - List of Unclassifed Manufacturers M0519 Datasheet HTML 49Page - List of Unclassifed Manufacturers M0519 Datasheet HTML 50Page - List of Unclassifed Manufacturers M0519 Datasheet HTML 51Page - List of Unclassifed Manufacturers M0519 Datasheet HTML 52Page - List of Unclassifed Manufacturers M0519 Datasheet HTML 53Page - List of Unclassifed Manufacturers M0519 Datasheet HTML 54Page - List of Unclassifed Manufacturers M0519 Datasheet HTML 55Page - List of Unclassifed Manufacturers M0519 Datasheet HTML 56Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 69 page
background image
M0519
Nov. 02, 2016
Page 52 of 69
Rev 1.02
OP Amplifier (OPA)
6.18
6.18.1 Overview
This device integrated two operational amplifiers. It can be enabled through OP0_EN (OPACR[0]) and
OP1_EN (OPACR[1]) bit. User can measure the output of the OP amplifier through the integrated A/D
converter.
6.18.2 Features
Analog input voltage range: 0~AVDD
Supports two analog OP amplifiers
Supports OP output voltage measurement by A/D converter
Supports Schmitt trigger buffer outputs and generate interrupt
OP amplifier 0 output can be an optional input source of integrated comparator 0 positive
input
OP amplifier 1 output can be an optional input source of integrated comparator 1 positive
input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com