Electronic Components Datasheet Search
  English  ▼

X  

M0519 Datasheet(PDF) 56 Page - List of Unclassifed Manufacturers

Part # M0519
Description  32-bit Microcontroller
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

M0519 Datasheet(HTML) 56 Page - List of Unclassifed Manufacturers

Back Button M0519 Datasheet HTML 52Page - List of Unclassifed Manufacturers M0519 Datasheet HTML 53Page - List of Unclassifed Manufacturers M0519 Datasheet HTML 54Page - List of Unclassifed Manufacturers M0519 Datasheet HTML 55Page - List of Unclassifed Manufacturers M0519 Datasheet HTML 56Page - List of Unclassifed Manufacturers M0519 Datasheet HTML 57Page - List of Unclassifed Manufacturers M0519 Datasheet HTML 58Page - List of Unclassifed Manufacturers M0519 Datasheet HTML 59Page - List of Unclassifed Manufacturers M0519 Datasheet HTML 60Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 69 page
background image
M0519
Nov. 02, 2016
Page 56 of 69
Rev 1.02
PARAMETER
SYM.
SPECIFICATION
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Operating Current
Idle Mode
At 48MHz
while(1){} executed
from flash
VLDO =1.8V
IIDLE13
22.3
mA
5.5V 12MHz
Χ
IIDLE14
8.1
mA
5.5V 12MHz
Χ
Χ
IIDLE15
20.8
mA
3.3V 12MHz
Χ
IIDLE16
6.7
mA
3.3V 12MHz
Χ
Χ
Operating Current
Idle Mode
At 32MHz
while(1){} executed
from flash
VLDO =1.8V
IIDLE17
16.0
mA
5.5V 12MHz
Χ
IIDLE18
6.4
mA
5.5V 12MHz
Χ
Χ
IIDLE19
14.5
mA
3.3V 12MHz
Χ
IIDLE20
4.9
mA
3.3V 12MHz
Χ
Χ
Operating Current
Idle Mode
At 22.1184MHz
while(1){} executed
from flash
VLDO =1.8V
IIDLE21
8.6
mA
5.5V
Χ
Χ
IIDLE22
2.2
mA
5.5V
Χ
Χ
Χ
IIDLE23
8.6
mA
3.3V
Χ
Χ
IIDLE24
2.2
mA
3.3V
Χ
Χ
Χ
Operating Current
Idle Mode
At 12MHz
while(1){} executed
from flash
VLDO =1.8V
IIDLE25
7.2
mA
5.5V 12MHz
Χ
Χ
IIDLE26
3.4
mA
5.5V 12MHz
Χ
Χ
Χ
IIDLE27
5.7
mA
3.3V 12MHz
Χ
Χ
IIDLE28
1.9
mA
3.3V 12MHz
Χ
Χ
Χ
Operating Current
Idle Mode
At 10kHz
while(1){} executed
from flash
VLDO =1.8V
IIDLE29
0.13
mA
VDD
HXT/
LXT
LIRC
PLL
All digital
module
5.5V
Χ
10KHz
Χ
IIDLE30
0.12
mA
5.5V
Χ
10KHz
Χ
Χ
IIDLE31
0.11
mA
3.3V
Χ
10KHz
Χ
IIDLE32
0.11
mA
3.3V
Χ
10KHz
Χ
Χ
Standby Current
Power-down Mode
IPWD1
-
A
VDD
HXT
HIRC
LIRC
All digital
module
5.5V
Χ
Χ
Χ
IPWD2
-
A
5.5V
Χ
Χ
Χ
IPWD3
-
A
5.5V
Χ
Χ
Χ
IPWD4
-
A
3.3V
Χ
Χ
Χ
IPWD5
-
A
3.3V
Χ
Χ
Χ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com