Electronic Components Datasheet Search
  English  ▼

X  

M0519 Datasheet(PDF) 55 Page - List of Unclassifed Manufacturers

Part # M0519
Description  32-bit Microcontroller
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

M0519 Datasheet(HTML) 55 Page - List of Unclassifed Manufacturers

Back Button M0519 Datasheet HTML 51Page - List of Unclassifed Manufacturers M0519 Datasheet HTML 52Page - List of Unclassifed Manufacturers M0519 Datasheet HTML 53Page - List of Unclassifed Manufacturers M0519 Datasheet HTML 54Page - List of Unclassifed Manufacturers M0519 Datasheet HTML 55Page - List of Unclassifed Manufacturers M0519 Datasheet HTML 56Page - List of Unclassifed Manufacturers M0519 Datasheet HTML 57Page - List of Unclassifed Manufacturers M0519 Datasheet HTML 58Page - List of Unclassifed Manufacturers M0519 Datasheet HTML 59Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 69 page
background image
M0519
Nov. 02, 2016
Page 55 of 69
Rev 1.02
PARAMETER
SYM.
SPECIFICATION
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Operating Current
Normal Run Mode
At 22.1184MHz
while(1){} executed
from flash
VLDO =1.8V
IDD21
11.7
mA
5.5V
Χ
Χ
IDD22
5.3
mA
5.5V
Χ
Χ
Χ
IDD23
11.6
mA
3.3V
Χ
Χ
IDD24
5.2
mA
3.3V
Χ
Χ
Χ
Operating Current
Normal Run Mode
At 12MHz
while(1){} executed
from flash
VLDO =1.8V
IDD25
8.6
mA
5.5V 12MHz
Χ
Χ
IDD26
4.9
mA
5.5V 12MHz
Χ
Χ
Χ
IDD27
7.2
mA
3.3V 12MHz
Χ
Χ
IDD28
3.4
mA
3.3V 12MHz
Χ
Χ
Χ
Operating Current
Normal Run Mode
At 10kHz
while(1){} executed
from flash
VLDO =1.8V
IDD29
0.13
mA
VDD
HXT/
LXT
LIRC
PLL
All digital
module
5.5V
Χ
10KHz
Χ
IDD30
0.12
mA
5.5V
Χ
10KHz
Χ
Χ
IDD31
0.11
mA
3.3V
Χ
10KHz
Χ
IDD32
0.11
mA
3.3V
Χ
10KHz
Χ
Χ
Operating Current
Idle Mode
At 72MHz
while(1){} executed
from flash
VLDO =1.8V
IIDLE1
30.1
mA
VDD
HXT
HIRC
PLL
All digital
module
5.5V 12MHz
Χ
IIDLE2
9.2
mA
5.5V 12MHz
Χ
Χ
IIDLE3
28.6
mA
3.3V 12MHz
Χ
IIDLE4
7.7
mA
3.3V 12MHz
Χ
Χ
Operating Current
Idle Mode
At 60MHz
while(1){} executed
from flash
VLDO =1.8V
IIDLE5
25.7
mA
5.5V 12MHz
Χ
IIDLE6
8.2
mA
5.5V 12MHz
Χ
Χ
IIDLE7
24.2
mA
3.3V 12MHz
Χ
IIDLE8
6.7
mA
3.3V 12MHz
Χ
Χ
Operating Current
Idle Mode
At 50MHz
while(1){} executed
from flash
VLDO =1.8V
IIDLE9
23.0
mA
5.5V 12MHz
Χ
IIDLE10
8.4
mA
5.5V 12MHz
Χ
Χ
IIDLE11
21.5
mA
3.3V 12MHz
Χ
IIDLE12
6.9
mA
3.3V 12MHz
Χ
Χ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com