Electronic Components Datasheet Search
  English  ▼

X  

AD9690 Datasheet(PDF) 46 Page - Analog Devices

Part # AD9690
Description  Analog-to-Digital Converter
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9690 Datasheet(HTML) 46 Page - Analog Devices

Back Button AD9690 Datasheet HTML 42Page - Analog Devices AD9690 Datasheet HTML 43Page - Analog Devices AD9690 Datasheet HTML 44Page - Analog Devices AD9690 Datasheet HTML 45Page - Analog Devices AD9690 Datasheet HTML 46Page - Analog Devices AD9690 Datasheet HTML 47Page - Analog Devices AD9690 Datasheet HTML 48Page - Analog Devices AD9690 Datasheet HTML 49Page - Analog Devices AD9690 Datasheet HTML 50Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 79 page
background image
Data Sheet
AD9690
Rev. B | Page 45 of 78
HALF-BAND FILTERS
The AD9690 offers four half-band filters to enable digital signal
processing of the ADC converted data. The HB1 FIR is always
enabled and cannot be bypassed. The HB2, HB3, and HB4 FIR
filters are optional and can be bypassed for higher output
sample rates.
HB4 Filter
The first decimate-by-2, half-band, low-pass FIR filter (HB4) uses
an 11-tap, symmetrical, fixed-coefficient filter implementation,
optimized for low power consumption. The HB4 filter is only used
when complex outputs (decimate by 16) or real outputs (decimate
by 8) are enabled; otherwise, the filter is bypassed. Table 19 and
Figure 92 show the coefficients and response of the HB4 filter.
Table 19. HB4 Filter Coefficients
HB4 Coefficient
Number
Normalized
Coefficient
Decimal Coefficient
(15-Bit)
C1, C11
0.006042
99
C2, C10
0
0
C3, C9
−0.049316
−808
C4, C8
0
0
C5, C7
0.293273
4805
C6
0.500000
8192
0
–120
–100
–80
–60
–40
–20
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
NORMALIZED FREQUENCY (× π RAD/SAMPLE)
Figure 92. HB4 Filter Response
HB3 Filter
The second decimate-by-2, half-band, low-pass, FIR filter (HB3)
uses an 11-tap, symmetrical, fixed coefficient filter implementation,
optimized for low power consumption. The HB3 filter is only used
when complex outputs (decimate by 8 or 16) or real outputs
(decimate by 4 or 8) are enabled, otherwise, the filter is bypassed.
Table 20 and Figure 93 show the coefficients and response of
the HB3 filter.
Table 20. HB3 Filter Coefficients
HB3 Coefficient
Number
Normalized
Coefficient
Decimal Coefficient
(18-Bit)
C1, C11
0.006554
859
C2, C10
0
0
C3, C9
−0.050819
−6661
C4, C8
0
0
C5, C7
0.294266
38,570
C6
0.500000
65,536
0
–120
–100
–80
–60
–40
–20
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
NORMALIZED FREQUENCY (× π RAD/SAMPLE)
Figure 93. HB3 Filter Response
HB2 Filter
The third decimate-by-2, half-band, low-pass FIR filter (HB2)
uses a 19-tap, symmetrical, fixed coefficient filter implementation
that is optimized for low power consumption. The HB2 filter is
only used when complex outputs (decimate by 4, 8, or 16) or
real outputs (decimate by 2, 4, or 8) are enabled; otherwise, the
filter is bypassed.
Table 21 and Figure 94 show the coefficients and response of
the HB2 filter.
Table 21. HB2 Filter Coefficients
HB2 Coefficient
Number
Normalized
Coefficient
Decimal Coefficient
(19-Bit)
C1, C19
0.000614
161
C2, C18
0
0
C3, C17
−0.005066
−1328
C4, C16
0
0
C5, C15
0.022179
5814
C6, C14
0
0
C7, C13
−0.073517
−19,272
C8, C12
0
0
C9, C11
0.305786
80,160
C10
0.500000
131,072



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com