Electronic Components Datasheet Search
  English  ▼

X  

AD9690 Datasheet(PDF) 76 Page - Analog Devices

Part # AD9690
Description  Analog-to-Digital Converter
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9690 Datasheet(HTML) 76 Page - Analog Devices

Back Button AD9690 Datasheet HTML 71Page - Analog Devices AD9690 Datasheet HTML 72Page - Analog Devices AD9690 Datasheet HTML 73Page - Analog Devices AD9690 Datasheet HTML 74Page - Analog Devices AD9690 Datasheet HTML 75Page - Analog Devices AD9690 Datasheet HTML 76Page - Analog Devices AD9690 Datasheet HTML 77Page - Analog Devices AD9690 Datasheet HTML 78Page - Analog Devices AD9690 Datasheet HTML 79Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 76 / 79 page
background image
Data Sheet
AD9690
Rev. B | Page 75 of 78
Reg
Addr
(Hex)
Register
Name
Bit 7
(MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0 (LSB)
Default
Notes
0x592
JESD204B HD
and CF config
HD value
0 =
disabled
1 =
enabled
0
0
Control words per frame clock cycle per link (CF)
CF value = Register 0x592, Bits[4:0]
0x80
Read
only
0x5A0
JESD204B
CHKSUM 0
CHKSUM value for SERDOUT0±, Bits[7:0]
0x81
Read
only
0x5A1
JESD204B
CHKSUM 1
CHKSUM value for SERDOUT1±, Bits[7:0]
0x82
Read
only
0x5A2
JESD204B
CHKSUM 2
CHKSUM value for SERDOUT2±, Bits[7:0]
0x82
Read
only
0x5A3
JESD204B
CHKSUM 3
CHKSUM value for SERDOUT3±, Bits[7:0]
0x84
Read
only
0x5B0
JESD204B
lane power-
down
1
SERD-
OUT3±
0 = on
1 = off
1
SERD-
OUT2±
0 = on
1 = off
1
SERD-
OUT1±
0 = on
1 = off
1
SERD-
OUT0±
0 = on
1 = off
0xAA
0x5B2
JESD204B
lane
SERDOUT0±
assign
X
X
X
X
0
SERDOUT0± lane assignment
000 = Logical Lane 0
001 = Logical Lane 1
010 = Logical Lane 2
011 = Logical Lane 3
0x00
0x5B3
JESD204B
lane
SERDOUT1±
assign
X
X
X
X
0
SERDOUT1± lane assignment
000 = Logical Lane 0
001 = Logical Lane 1
010 = Logical Lane 2
011 = Logical Lane 3
0x11
0x5B5
JESD204B
lane
SERDOUT2±
assign
X
X
X
X
0
SERDOUT2± lane assignment
000 = Logical Lane 0
001 = Logical Lane 1
010 = Logical Lane 2
011 = Logical Lane 3
0x22
0x5B6
JESD204B
lane
SERDOUT3±
assign
X
X
X
X
0
SERDOUT3± lane assignment
000 = Logical Lane 0
001 = Logical Lane 1
010 = Logical Lane 2
011 = Logical Lane 3
0x33
0x5BF
JESD
serializer
drive adjust
0
0
0
0
Swing voltage
0000 = 237.5 mV
0001 = 250 mV
0010 = 262.5 mV
0011 = 275 mV
0100 = 287.5 mV
0101 = 300 mV
0110 = 312.5 mV
0111 = 325 mV
1000 = 337.5 mV
1001 = 350 mV
1010 = 362.5 mV
1011 = 375 mV
1100 = 387.5 mV
1101 = 400 mV
1110 = 412.5 mV
1111 = 425 mV
0x5C1
De-emphasis
select
0
SERD-
OUT3±
0 =
disable
1 =
enable
0
SERD-
OUT2±
0 =
disable
1 =
enable
0
SERDOUT1±
0 = disable
1 = enable
0
SERDOUT0
±
0 = disable
1 = enable
0x00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com