Electronic Components Datasheet Search
  English  ▼

X  

AD9690 Datasheet(PDF) 12 Page - Analog Devices

Part # AD9690
Description  Analog-to-Digital Converter
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9690 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD9690 Datasheet HTML 8Page - Analog Devices AD9690 Datasheet HTML 9Page - Analog Devices AD9690 Datasheet HTML 10Page - Analog Devices AD9690 Datasheet HTML 11Page - Analog Devices AD9690 Datasheet HTML 12Page - Analog Devices AD9690 Datasheet HTML 13Page - Analog Devices AD9690 Datasheet HTML 14Page - Analog Devices AD9690 Datasheet HTML 15Page - Analog Devices AD9690 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 79 page
background image
Data Sheet
AD9690
Rev. B | Page 11 of 78
ABSOLUTE MAXIMUM RATINGS
Table 6.
Parameter
Rating
Electrical
AVDD1 to AGND
1.32 V
AVDD1_SR to AGND
1.32 V
AVDD2 to AGND
2.75 V
AVDD3 to AGND
3.63 V
DVDD to DGND
1.32 V
DRVDD to DRGND
1.32 V
SPIVDD to AGND
3.63 V
AGND to DRGND
−0.3 V to +0.3 V
VIN± to AGND
3.2 V
SCLK, SDIO, CSB to AGND
−0.3 V to SPIVDD + 0.3 V
PDWN/STBY to AGND
−0.3 V to SPIVDD + 0.3 V
Environmental
Operating Temperature Range
−40°C to +85°C
Junction Temperature Range
−40°C to +125°C
Storage Temperature Range
(Ambient)
−65°C to +150°C
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
THERMAL CHARACTERISTICS
Typical θJA, θJB, and θJC are specified vs. the number of printed
circuit board (PCB) layers in different airflow velocities (in m/sec).
Airflow increases heat dissipation effectively reducing θJA and
θJB. In addition, metal in direct contact with the package leads
and exposed pad from metal traces, through holes, ground, and
power planes, reduces θJA. Thermal performance for actual
applications requires careful inspection of the conditions in
an application. The use of appropriate thermal management
techniques is recommended to ensure that the maximum
junction temperature does not exceed the limits shown in Table 6.
Table 7. Thermal Resistance Values
PCB
Type
Airflow
Velocity
(m/sec)
θJA
ΨJB
θJC_TOP
θJC_BOT
Unit
JEDEC
2s2p
Board
0.0
17.81, 2
6.31, 3
4.71, 4
1.21, 4
°C/W
1.0
15.61, 2
5.91, 3
N/A5
°C/W
2.5
15.01, 2
5.71, 3
N/A5
°C/W
1
Per JEDEC 51-7, plus JEDEC 51-5 2s2p test board.
2
Per JEDEC JESD51-2 (still air) or JEDEC JESD51-6 (moving air).
3
Per JEDEC JESD51-8 (still air).
4
Per MIL-STD 883, Method 1012.1.
5
N/A means not applicable.
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com