Electronic Components Datasheet Search
  English  ▼

X  

AD9690 Datasheet(PDF) 72 Page - Analog Devices

Part # AD9690
Description  Analog-to-Digital Converter
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9690 Datasheet(HTML) 72 Page - Analog Devices

Back Button AD9690 Datasheet HTML 68Page - Analog Devices AD9690 Datasheet HTML 69Page - Analog Devices AD9690 Datasheet HTML 70Page - Analog Devices AD9690 Datasheet HTML 71Page - Analog Devices AD9690 Datasheet HTML 72Page - Analog Devices AD9690 Datasheet HTML 73Page - Analog Devices AD9690 Datasheet HTML 74Page - Analog Devices AD9690 Datasheet HTML 75Page - Analog Devices AD9690 Datasheet HTML 76Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 79 page
background image
Data Sheet
AD9690
Rev. B | Page 71 of 78
Reg
Addr
(Hex)
Register
Name
Bit 7
(MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0 (LSB)
Default
Notes
0x310
DDC 0
control
Mixer
select
0 = real
mixer
1 =
complex
mixer
Gain
select
0 = 0 dB
gain
1 = 6 dB
gain
IF (intermediate
frequency) mode
00 = variable IF mode
(mixers and NCO
enabled)
01 = 0 Hz IF mode (mixer
bypassed, NCO disabled)
10 = fADC/4 Hz IF mode
(fADC/4 down-mixing
mode)
11 = test mode (mixer
inputs forced to +FS,
NCO enabled)
Complex
to real
enable
0 =
disabled
1 =
enabled
0
Decimation rate select
(complex—real disabled)
11 = decimate by 2
00 = decimate by 4
01 = decimate by 8
10 = decimate by 16
(complex—real enabled)
11 = decimate by 1
00 = decimate by 2
01 = decimate by 4
10 = decimate by 8
0x00
0x311
DDC 0 input
selection
0
0
0
0
0
0
0
0
0x00
Refer to
the DDC
section
0x314
DDC 0
frequency
LSB
DDC 0 NCO frequency value, Bits[7:0]
twos complement
0x00
0x315
DDC0
frequency
MSB
X
X
X
X
DDC 0 NCO frequency value, Bits[11:8]
twos complement
0x00
0x320
DDC 0 phase
LSB
DDC 0 NCO phase value, Bits[7:0]
twos complement
0x00
0x321
DDC 0 phase
MSB
X
X
X
X
DDC 0 NCO phase value, Bits[11:8]
twos complement
0x00
0x327
DDC 0
output test
mode
selection
0
0
0
0
0
0
0
I output
test mode
enable
0 =
disabled
1 =
enabled
0x00
Refer to
the DDC
section
0x330
DDC 1
control
Mixer
select
0 = real
mixer
1 =
complex
mixer
Gain
select
0 = 0 dB
gain
1 = 6 dB
gain
IF (intermediate
frequency) mode
00 = variable IF mode
(mixers and NCO
enabled)
01 = 0 Hz IF mode(mixer
bypassed, NCO disabled)
10 = fADC/4 Hz IF mode
(fADC/4 downmixing
mode)
11 = test mode (mixer
inputs forced to +FS,
NCO enabled)
Complex
to real
enable
0 =
disabled
1 =
enabled
0
Decimation rate select
(complex—real disabled)
11 = decimate by 2
00 = decimate by 4
01 = decimate by 8
10 = decimate by 16
(complex—real enabled)
11 = decimate by 1
00 = decimate by 2
01 = decimate by 4
10 = decimate by 8
0x00
0x331
DDC 1 input
selection
0
0
0
0
0
0
0
0
0x00
Refer to
the DDC
section
0x334
DDC 1
frequency
LSB
DDC 1 NCO frequency value, Bits[7:0]
twos complement
0x00
0x335
DDC 1
frequency
MSB
X
X
X
X
DDC 1 NCO frequency value, Bits[11:8]
twos complement
0x00
0x340
DDC 1 phase
LSB
DDC 1 NCO phase value, Bits[7:0]
twos complement
0x00
0x341
DDC 1 phase
MSB
X
X
X
X
DDC 1 NCO phase value, Bits[11:8]
twos complement
0x00
0x347
DDC 1
output test
mode
selection
0
0
0
0
0
0
0
I output
test mode
enable
0 =
disabled
1 =
enabled
0x00
Refer to
the DDC
section



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com