Electronic Components Datasheet Search
  English  ▼

X  

AD9690 Datasheet(PDF) 22 Page - Analog Devices

Part # AD9690
Description  Analog-to-Digital Converter
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9690 Datasheet(HTML) 22 Page - Analog Devices

Back Button AD9690 Datasheet HTML 18Page - Analog Devices AD9690 Datasheet HTML 19Page - Analog Devices AD9690 Datasheet HTML 20Page - Analog Devices AD9690 Datasheet HTML 21Page - Analog Devices AD9690 Datasheet HTML 22Page - Analog Devices AD9690 Datasheet HTML 23Page - Analog Devices AD9690 Datasheet HTML 24Page - Analog Devices AD9690 Datasheet HTML 25Page - Analog Devices AD9690 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 79 page
background image
Data Sheet
AD9690
Rev. B | Page 21 of 78
65
70
75
80
85
90
95
–40
–15
10
35
60
85
TEMPERATURE (°C)
SFDR
SNR
Figure 48. SNR/SFDR vs. Temperature, fIN = 170.3 MHz
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
2.0
2.5
3.0
0
2000
4000
6000
8000
10000
12000
14000
16000
OUTPUT CODE
Figure 49. INL, fIN = 10.3 MHz
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
0
2000
4000
6000
8000
10000
12000
14000
16000
OUTPUT CODE
Figure 50. DNL, fIN = 15 MHz
0
100000
200000
300000
400000
500000
600000
700000
800000
900000
OUTPUT CODE
2.06 LSB RMS
Figure 51. Input-Referred Noise Histogram
300 320 340 360 380 400 420 440 460 480 500 520 540
SAMPLE RATE (MHz)
L = 1, M = 1, F = 2
L = 2, M = 1, F = 2
1.20
1.25
1.30
1.35
1.40
1.45
1.50
1.55
Figure 52. Power Dissipation vs. fS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com