Electronic Components Datasheet Search
  English  ▼

X  

AD9690 Datasheet(PDF) 28 Page - Analog Devices

Part # AD9690
Description  Analog-to-Digital Converter
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9690 Datasheet(HTML) 28 Page - Analog Devices

Back Button AD9690 Datasheet HTML 24Page - Analog Devices AD9690 Datasheet HTML 25Page - Analog Devices AD9690 Datasheet HTML 26Page - Analog Devices AD9690 Datasheet HTML 27Page - Analog Devices AD9690 Datasheet HTML 28Page - Analog Devices AD9690 Datasheet HTML 29Page - Analog Devices AD9690 Datasheet HTML 30Page - Analog Devices AD9690 Datasheet HTML 31Page - Analog Devices AD9690 Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 79 page
background image
Data Sheet
AD9690
Rev. B | Page 27 of 78
65
70
75
80
85
90
95
450.3
480.3
510.3
515.3
ANALOG INPUT FREQUENCY (MHz)
610.3
765.3
810.3
985.3
4.0×
5.0×
6.0×
7.0×
8.0×
Figure 71. Buffer Current Sweeps, AD9690-500 (SFDR vs. IBUFF);
450 MHz < fIN < 1000 MHz; Front-End Network Shown in Figure 64
40
45
50
55
60
65
70
75
80
1010.3
1205.3
1410.3
1600.3
1810.3
1950.3
ANALOG INPUT FREQUENCY (MHz)
4.0×
5.0×
6.0×
7.0×
8.0×
Figure 72. Buffer Current Sweeps, AD9690-500 (SFDR vs. IBUFF);
1 GHz < fIN < 2GHz; Front-End Network Shown in Figure 64
30
40
50
60
70
80
90
100
10.3
95.3
150.3
180.3
240.3
301.3
340.7
390.3
450.3
ANALOG INPUT FREQUENCY (MHz)
1.0×
1.5×
2.0×
3.0×
4.5×
Figure 73. SFDR vs. fIN; Buffer Control 1 (0x018) = 1.0×, 1.5×, 2.0×, 3.0×, or 4.5×
Table 10. Recommended Register Settings for SFDR Optimization at Different Input Frequencies
Product
Frequency
Buffer
Control 1
(0x018)
Buffer
Control 2
(0x019)
Buffer
Control 3
(0x01A)
Buffer
Control 4
(0x11A)
Buffer
Control 5
(0x935)
Input
Full-Scale
Range
(0x025)
Input
Full-Scale
Control
(0x030)
Input
Termination
(0x016)1
Input
Capacitance
(0x934)
AD9690-
500
DC to
250 MHz
0x20
0x60
0x0A
0x00
0x04
0x0C
0x04
0x0C/0x1C/…
0x1F
250 MHz to
500 MHz
0x70
0x60
0x0A
0x00
0x04
0x0C
0x04
0x0C/0x1C/…
0x1F
500 MHz to
1 GHz
0x80
0x40
0x08
0x00
0x00
0x08
0x18
0x0C/0x1C/…
0x1F or
0x002
1 GHz to
2 GHz
0xF0
0x40
0x08
0x00
0x00
0x08
0x18
0x0C/0x1C/…
0x1F or
0x001
AD9690-
1000
DC to
150 MHz
0x10
0x50
0x09
0x00
0x04
0x0A
0x18
0x0E/0x1E/…
0x1F
DC to
500 MHz
0x40
0x50
0x09
0x00
0x04
0x0A
0x18
0x0E/0x1E/…
0x1F
500 MHz to
1 GHz
0xA0
0x60
0x09
0x20
0x00
0x08
0x18
0x0E/0x1E/…
0x1F or
0x001
1 GHz to
2 GHz
0xD0
0x70
0x09
0x20
0x00
0x08
0x18
0x0E/0x1E/…
0x1F or
0x001
1
The input termination can be changed to accommodate the application with little or no impact to ac performance.
2
The input capacitance can be set to 1.5 pF to achieve wider input bandwidth but results in slightly lower ac performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com