Electronic Components Datasheet Search
  English  ▼

X  

AD9690 Datasheet(PDF) 68 Page - Analog Devices

Part # AD9690
Description  Analog-to-Digital Converter
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9690 Datasheet(HTML) 68 Page - Analog Devices

Back Button AD9690 Datasheet HTML 64Page - Analog Devices AD9690 Datasheet HTML 65Page - Analog Devices AD9690 Datasheet HTML 66Page - Analog Devices AD9690 Datasheet HTML 67Page - Analog Devices AD9690 Datasheet HTML 68Page - Analog Devices AD9690 Datasheet HTML 69Page - Analog Devices AD9690 Datasheet HTML 70Page - Analog Devices AD9690 Datasheet HTML 71Page - Analog Devices AD9690 Datasheet HTML 72Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 79 page
background image
Data Sheet
AD9690
Rev. B | Page 67 of 78
Reg
Addr
(Hex)
Register
Name
Bit 7
(MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0 (LSB)
Default
Notes
0x01A
Buffer
Control 3
0
0
0
0
1000 = setting 1
1001 = setting 2 (default for AD9690-1000)
1010 = setting 3 (default for AD9690-500)
0x09 for
AD9690
-1000;
0x0A for
AD9690
-500
0x11A
Buffer
Control 4
0
0
High
frequency
setting
0 = OFF
(default)
1 = ON
0
0
0
0
0
0x935
Buffer
Control 5
0
0
0
0
0
Low
Frequency
Operation
0 = off
1 = on
(default)
0
0
0x025
Input full-
scale range
0
0
0
0
Full-scale adjust
0000 = 1.94 V
1000 = 1.46 V
1001 = 1.58 V
1010 = 1.70 V (default for AD9690-1000)
1011 = 1.82 V
1100 = 2.06 V (default for AD9690-500)
0x0A for
AD9690
-1000;
0x0C for
AD9690
-500
V p-p
differ-
ential;
use in
conjunc-
tion with
Reg.
0x030
0x030
Input full-
scale control
0
0
0
Full-scale control
See Table 10 for recommended settings
for different frequency bands;
default values:
AD9690-1000 = 110
AD9690-500 = 001
AD9690-500 = 110 (for <1.82 V)
0
0
Used in
conjunc-
tion with
Reg.
0x025
ADC Function Registers
0x024
V_1P0
control
0
0
0
0
0
0
0
1.0 V
reference
select
0 =
internal
1 =
external
0x00
0x028
Temperature
diode
0
0
0
0
0
0
0
Diode
selection
0 =
no diode
selected
1 =
temper-
ature
diode
selected
0x00
Used in
conjunc-
tion with
Reg.
0x040
0x03F
PDWN/
STBY pin
control
0 = PDWN/
STBY
enabled
1 =
disabled
0
0
0
0
0
0
0
0x00
Used in
conjunc-
tion with
Reg.
0x040
0x040
Chip pin
control
PDWN/STBY function
00 = power down
01 = standby
10 = disabled
111 = Reserved
Fast Detect (FD)
000 = Fast Detect output
001 = JESD204B LMFC output
010 = JESD204B internal SYNC~ output
011 = temperature diode
111 = disabled
0x3F
0x10B
Clock divider
0
0
0
0
0
000 = divide by −1
001 = divide by 2
011 = divide by 4
111 = divide by 8
0x00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com