Electronic Components Datasheet Search
  English  ▼

X  

AD9690 Datasheet(PDF) 74 Page - Analog Devices

Part # AD9690
Description  Analog-to-Digital Converter
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9690 Datasheet(HTML) 74 Page - Analog Devices

Back Button AD9690 Datasheet HTML 70Page - Analog Devices AD9690 Datasheet HTML 71Page - Analog Devices AD9690 Datasheet HTML 72Page - Analog Devices AD9690 Datasheet HTML 73Page - Analog Devices AD9690 Datasheet HTML 74Page - Analog Devices AD9690 Datasheet HTML 75Page - Analog Devices AD9690 Datasheet HTML 76Page - Analog Devices AD9690 Datasheet HTML 77Page - Analog Devices AD9690 Datasheet HTML 78Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 79 page
background image
Data Sheet
AD9690
Rev. B | Page 73 of 78
Reg
Addr
(Hex)
Register
Name
Bit 7
(MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0 (LSB)
Default
Notes
0x561
Output
mode
0
0
0
0
0
Sample
invert
0 = normal
1 = sample
invert
Data format select
00 = offset binary
01 = twos complement
0x01
0x562
Output
overrange
(OR) clear
0
0
0
0
Virtual
Convert-
er 3 OR
0 = OR bit
enabled
1 = OR bit
cleared
Virtual
Converter 2
OR
0 = OR bit
enabled
1 = OR bit
cleared
Virtual
Converter 1
OR
0 = OR bit
enabled
1 = OR bit
cleared
Virtual
Converter
0 OR
0 = OR bit
enabled
1 = OR bit
cleared
0x00
0x563
Output OR
status
0
0
0
0
Virtual
Convert-
er 3 OR
0 = no OR
1 = OR
occurred
Virtual
Converter 2
OR
0 = no OR
1 = OR
occurred
Virtual
Converter 1
OR
0 = no OR
1 = OR
occurred
Virtual
Converter
0 OR
0 = no OR
1 = OR
occurred
0x00
Read
only
0x56E
JESD204B
lane rate
control
0
0
0
0 = serial
lane rate
≥6.25 Gbps
and
≤12.5 Gbps
1 = serial
lane rate
must be ≥
3.125 Gbps
and
≤6.25 Gbps
0
0
0
0
0x10
0x56F
JESD204B
PLL lock
status
PLL lock
0 = not
locked
1 = locked
0
0
0
0
0
0
0
0x00
Read
only
0x570
JESD204B
quick config-
uration
JESD204B quick configuration
L = number of lanes = 2Register0x570,Bits[7:6]
M = number of converters = 2Register0x570,Bits[5:3]
F = number of octets/frame = 2 Register0x570,Bits[2:0]
0x80 for
AD9690-
1000;
0x40 for
AD9690-
500
Refer to
Table 26
and
Table 27
0x571
JESD204B
Link Mode
Control 1
Standby
mode
0 = all
converter
outputs 0
1 = CGS
(/K28.5/)
Tail bit
(t) PN
0 =
disable
1 =
enable
T = N΄ −
N − CS
Long
transport
layer test
0 =
disable
1 =
enable
Lane synch-
ronization
0 = disable
FACI uses
/K28.7/
1 = enable
FACI uses
/K28.3/ and
/K28.7/
ILAS sequence mode
00 = ILAS disabled
01 = ILAS enabled
11 = ILAS always on test
mode
FACI
0 =
enabled
1 =
disabled
Link
control
0 = active
1 = power
down
0x14
0x572
JESD204B
Link Mode
Control 2
SYNCINB± pin control
00 = normal
10 = ignore SYNCINB±
(force CGS)
11 = ignore SYNCINB±
(force ILAS/user data)
SYNCINB±
pin invert
0 = active
low
1 = active
high
SYNCINB±
pin type
0 =
differential
1 = CMOS
0
8-bit/10-bit
bypass
0 = normal
1 = bypass
8-/10-bit
bit invert
0 =
normal
1 = invert
the abcd
efghij
symbols
0
0x00
0x573
JESD204B
Link Mode
Control 3
CHKSUM mode
00 = sum of all 8-bit link
config registers
01 = sum of individual
link config fields
10 = checksum set to
zero
Test injection point
00 = N΄ sample input
01 = 10-bit data at
8-bit/10-bit output
(for PHY testing)
10 = 8-bit data at
scrambler input
JESD204B test mode patterns
0000 = normal operation (test mode disabled)
0001 = alternating checker board
0010 = 1/0 word toggle
0011 = 31-bit PN sequence—X31 + X28 + 1
0100 = 23-bit PN sequence—X23+ X18 + 1
0101 = 15-bit PN sequence—X15 + X14 + 1
0110 = 9-bit PN sequence—X9 + X5 + 1
0111 = 7-bit PN sequence—X7 + X6 + 1
1000 = ramp output
1110 = continuous/repeat user test
1111 = single user test
0x00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com