Electronic Components Datasheet Search
  English  ▼

X  

AD9690 Datasheet(PDF) 49 Page - Analog Devices

Part # AD9690
Description  Analog-to-Digital Converter
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9690 Datasheet(HTML) 49 Page - Analog Devices

Back Button AD9690 Datasheet HTML 45Page - Analog Devices AD9690 Datasheet HTML 46Page - Analog Devices AD9690 Datasheet HTML 47Page - Analog Devices AD9690 Datasheet HTML 48Page - Analog Devices AD9690 Datasheet HTML 49Page - Analog Devices AD9690 Datasheet HTML 50Page - Analog Devices AD9690 Datasheet HTML 51Page - Analog Devices AD9690 Datasheet HTML 52Page - Analog Devices AD9690 Datasheet HTML 53Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 79 page
background image
AD9690
Data Sheet
Rev. B | Page 48 of 78
DDC EXAMPLE CONFIGURATIONS
Table 23 describes the register settings for multiple DDC example configurations.
Table 23. DDC Example Configurations
Chip
Application
Layer
Chip
Decimation
Ratio
DDC
Input
Type
DDC
Output
Type
Bandwidth
per DDC1
No. of Virtual
Converters
Required
Register Settings2
One DDC
2
Real
Complex
38.5% × fS
2
Register 0x200 = 0x01 (one DDC; I/Q selected)
Register 0x201 = 0x01 (chip decimate by 2)
Register 0x310 = 0x83 (complex mixer; 0 dB gain; variable IF;
complex outputs; HB1 filter)
Register 0x311 = 0x00 (default)
Register 0x331 = 0x00 (default)
Register 0x314, Register 0x315, Register x0320, Register 0x321 =
FTW and POW set as required by application for DDC 0
Two DDCs
4
Real
Real
9.63% × fS
2
Register 0x200 = 0x22 (two DDCs; I only selected)
Register 0x201 = 0x02 (chip decimate by 4)
Register 0x310, Register 0x330 = 0x49 (real mixer; 6 dB gain;
variable IF; real output; HB3 + HB2 + HB1 filters)
Register 0x311 = 0x00 (default)
Register 0x331 = 0x00 (default)
Register 0x314, Register 0x315, Register 0x320, Register 0x321 =
FTW and POW set as required by application for DDC 0
Register 0x334, Register 0x335, Register 0x340, Register 0x341 =
FTW and POW set as required by application for DDC 1
Two DDCs
4
Real
Complex
19.25% × fS
4
Register 0x200 = 0x02 (two DDCs; I/Q selected)
Register 0x201 = 0x02 (chip decimate by 4)
Register 0x310, Register 0x330 = 0x40 (real mixer; 6 dB gain;
variable IF; complex output; HB2+HB1 filters)
Register 0x311 = 0x00 (default)
Register 0x331 = 0x00 (default)
Register 0x314, Register 0x315, Register 0x320, Register 0x321 =
FTW and POW set as required by application for DDC 0
Register 0x334, Register 0x335, Register 0x340, Register 0x341 =
FTW and POW set as required by application for DDC 1
Two DDCs
8
Real
Real
4.81% × fS
2
Register 0x200 = 0x22 (two DDCs; I only selected)
Register 0x201 = 0x03 (chip decimate by 8)
Register 0x310, Register 0x330 = 0x4A (real mixer; 6 dB gain;
variable IF; real output; HB4+HB3+HB2+HB1 filters)
Register 0x311 = 0x00 (default)
Register 0x331 = 0x00 (default)
Register 0x314, Register 0x315, Register 0x320, Register 0x321 =
FTW and POW set as required by application for DDC 0
Register 0x334, Register 0x335, Register 0x340, Register 0x341 =
FTW and POW set as required by application for DDC 1
1
fS is the ADC sample rate. Bandwidths listed are <−0.001 dB of pass-band ripple and >100 dB of stop-band alias rejection.
2
The NCOs must be synchronized either through the SPI or through the SYSREF± pin after all writes to the FTW or POW registers have completed, to ensure the proper
operation of the NCO. See the NCO Synchronization section for more information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com