Electronic Components Datasheet Search
  English  ▼

X  

AD9690 Datasheet(PDF) 16 Page - Analog Devices

Part # AD9690
Description  Analog-to-Digital Converter
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9690 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD9690 Datasheet HTML 12Page - Analog Devices AD9690 Datasheet HTML 13Page - Analog Devices AD9690 Datasheet HTML 14Page - Analog Devices AD9690 Datasheet HTML 15Page - Analog Devices AD9690 Datasheet HTML 16Page - Analog Devices AD9690 Datasheet HTML 17Page - Analog Devices AD9690 Datasheet HTML 18Page - Analog Devices AD9690 Datasheet HTML 19Page - Analog Devices AD9690 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 79 page
background image
Data Sheet
AD9690
Rev. B | Page 15 of 78
0500
400
300
200
100
FREQUENCY (MHz)
AIN = –1dBFS
SNR = 59.8BFS
ENOB = 9.6 BITS
SFDR = 79dBFS
BUFFER CONTROL 1 = 8.0×
–120
–100
–80
–60
–40
–20
0
Figure 12. Single-Tone FFT with fIN = 1293.3 MHz
0500
400
300
200
100
FREQUENCY (MHz)
AIN = –1dBFS
SNR = 57.7dBFS
ENOB = 9.2 BITS
SFDR = 70dBFS
BUFFER CONTROL 1 = 8.0×
–120
–100
–80
–60
–40
–20
0
Figure 13. Single-Tone FFT with fIN = 1725.3 MHz
0500
400
300
200
100
FREQUENCY (MHz)
AIN = –1dBFS
SNR = 57dBFS
ENOB = 9.1 BITS
SFDR = 68dBFS
BUFFER CONTROL 1 = 8.0×
–120
–100
–80
–60
–40
–20
0
Figure 14. Single-Tone FFT with fIN = 1950.3 MHz
SAMPLE RATE (MHz)
60
65
70
75
80
85
90
700
750
800
850
900
950
1000
1050
1100
SNR (dBFS)
SFDR (dBFS)
Figure 15. SNR/SFDR vs. Sample Rate (fS), fIN = 170.3 MHz; Buffer Control 1
(0x018) = 3.0×
90
85
80
75
70
65
60
55
50
10.3
63.3
100.3 170.3 225.3
ANALOG INPUT FREQUENCY (MHz)
302.3 341.3 403.3 453.3 502.3
1.5× SFDR (dBFS)
1.5× SNR (dBFS)
3.0× SFDR (dBFS)
3.0× SNR (dBFS)
Figure 16. SNR/SFDR vs. Analog Input Frequency (fIN); fIN < 500 MHz;
Buffer Control 1 (0x018) = 1.5× and 3.0×
50
100
60
70
80
90
476.8
554.4
593.2
670.8
748.4
826.0
903.6
981.2
ANALOG INPUT FREQUENCY (MHz)
4.0× SFDR
4.0× SNRFS
6.0× SFDR
6.0× SNRFS
Figure 17. SNR/SFDR vs. Analog Input Frequency (fIN);
500 MHz < fIN < 1 GHz;
Buffer Control1 (0x018) = 4.0× and 6.0×



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com