Electronic Components Datasheet Search
  English  ▼

X  

AD9690 Datasheet(PDF) 77 Page - Analog Devices

Part # AD9690
Description  Analog-to-Digital Converter
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9690 Datasheet(HTML) 77 Page - Analog Devices

Back Button AD9690 Datasheet HTML 71Page - Analog Devices AD9690 Datasheet HTML 72Page - Analog Devices AD9690 Datasheet HTML 73Page - Analog Devices AD9690 Datasheet HTML 74Page - Analog Devices AD9690 Datasheet HTML 75Page - Analog Devices AD9690 Datasheet HTML 76Page - Analog Devices AD9690 Datasheet HTML 77Page - Analog Devices AD9690 Datasheet HTML 78Page - Analog Devices AD9690 Datasheet HTML 79Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 77 / 79 page
background image
AD9690
Data Sheet
Rev. B | Page 76 of 78
Reg
Addr
(Hex)
Register
Name
Bit 7
(MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0 (LSB)
Default
Notes
0x5C2
De-emphasis
setting for
SERDOUT0±
0
0
0
0
SERDOUT0± de-emphasis settings:
0000 = 0 dB,
0001 = 0.3 dB,
0010 = 0.8 dB,
0011 = 1.4 dB,
0100 = 2.2 dB,
0101 = 3.0 dB,
0110 = 4.0 dB,
0111 = 5.0 dB
0x00
0x5C3
De-emphasis
setting for
SERDOUT1±
0
0
0
0
SERDOUT1± de-emphasis settings:
0000 = 0 dB,
0001 = 0.3 dB,
0010 = 0.8 dB,
0011 = 1.4 dB,
0100 = 2.2 dB,
0101 = 3.0 dB,
0110 = 4.0 dB,
0111 = 5.0 dB
0x00
0x5C4
De-emphasis
setting for
SERDOUT2±
0
0
0
0
SERDOUT2± de-emphasis settings:
0000 = 0 dB,
0001 = 0.3 dB,
0010 = 0.8 dB,
0011 = 1.4 dB,
0100 = 2.2 dB,
0101 = 3.0 dB,
0110 = 4.0 dB,
0111 = 5.0 dB
0x00
0x5C5
De-emphasis
setting for
SERDOUT3±
0
0
0
0
SERDOUT3± de-emphasis settings:
0000 = 0 dB,
0001 = 0.3 dB,
0010 = 0.8 dB,
0011 = 1.4 dB,
0100 = 2.2 dB,
0101 = 3.0 dB,
0110 = 4.0 dB,
0111 = 5.0 dB
0x00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com