Electronic Components Datasheet Search
  English  ▼

X  

AD9690 Datasheet(PDF) 73 Page - Analog Devices

Part # AD9690
Description  Analog-to-Digital Converter
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9690 Datasheet(HTML) 73 Page - Analog Devices

Back Button AD9690 Datasheet HTML 69Page - Analog Devices AD9690 Datasheet HTML 70Page - Analog Devices AD9690 Datasheet HTML 71Page - Analog Devices AD9690 Datasheet HTML 72Page - Analog Devices AD9690 Datasheet HTML 73Page - Analog Devices AD9690 Datasheet HTML 74Page - Analog Devices AD9690 Datasheet HTML 75Page - Analog Devices AD9690 Datasheet HTML 76Page - Analog Devices AD9690 Datasheet HTML 77Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 79 page
background image
AD9690
Data Sheet
Rev. B | Page 72 of 78
Reg
Addr
(Hex)
Register
Name
Bit 7
(MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0 (LSB)
Default
Notes
Digital Outputs and Test Modes
0x550
ADC test
modes
User
pattern
selection
0 = cont-
inuous
repeat
1 = single
pattern
0
Reset PN
long gen
0 = long
PN enable
1 = long
PN reset
Reset PN
short gen
0 = short
PN enable
1 = short
PN reset
Test mode selection
0000 = off, normal operation
0001 = midscale short
0010 = positive full-scale
0011 = negative full-scale
0100 = alternating checker board
0101 = PN sequence, long
0110 = PN sequence, short
0111 = 1/0 word toggle
1000 = the user pattern test mode (used with
Register 0x0550, Bit 7 and user pattern 1, 2, 3, 4
registers)
1111 = ramp output
0x00
0x551
User Pattern
1 LSB
0
0
0
0
0
0
0
0
0x00
Used
with Reg.
0x550
and Reg.
0x573
0x552
User Pattern
1 MSB
0
0
0
0
0
0
0
0
0x00
Used
with Reg.
0x550
and Reg.
0x573
0x553
User Pattern
2 LSB
0
0
0
0
0
0
0
0
0x00
Used
with Reg.
0x550
and Reg.
0x573
0x554
User Pattern
2 MSB
0
0
0
0
0
0
0
0
0x00
Used
with Reg.
0x550
and Reg.
0x573
0x555
User Pattern
3 LSB
0
0
0
0
0
0
0
0
0x00
Used
with Reg.
0x550
and Reg.
0x573
0x556
User Pattern
3 MSB
0
0
0
0
0
0
0
0
0x00
Used
with Reg.
0x550
and Reg.
0x573
0x557
User Pattern
4 LSB
0
0
0
0
0
0
0
0
0x00
Used
with Reg.
0x550
and Reg.
0x573
0x558
User Pattern
4 MSB
0
0
0
0
0
0
0
0
0x00
Used
with Reg.
0x550
and Reg.
0x573
0x559
Output Mode
Control 1
0
Converter control Bit 1 selection
000 = tie low (1’b0)
001 = overrange bit
011 = fast detect (FD) bit
101 = SYSREF±
Only used when CS (Register 0x58F)
= 2 or 3
0
Converter control Bit 0 selection
000 = tie low (1’b0)
001 = overrange bit
011 = fast detect (FD) bit
101 = SYSREF±
Only used when CS (Register 0x58F) = 3
0x00
0x55A
Output Mode
Control 2
0
0
0
0
0
Converter control Bit 2 selection
000 = tie low (1’b0)
001 = overrange bit
011 = fast detect (FD) bit
101 = SYSREF
Used when CS (Register 0x58F) = 1, 2, or 3
0x00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com