Electronic Components Datasheet Search
  English  ▼

X  

AD9690 Datasheet(PDF) 24 Page - Analog Devices

Part # AD9690
Description  Analog-to-Digital Converter
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9690 Datasheet(HTML) 24 Page - Analog Devices

Back Button AD9690 Datasheet HTML 20Page - Analog Devices AD9690 Datasheet HTML 21Page - Analog Devices AD9690 Datasheet HTML 22Page - Analog Devices AD9690 Datasheet HTML 23Page - Analog Devices AD9690 Datasheet HTML 24Page - Analog Devices AD9690 Datasheet HTML 25Page - Analog Devices AD9690 Datasheet HTML 26Page - Analog Devices AD9690 Datasheet HTML 27Page - Analog Devices AD9690 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 79 page
background image
Data Sheet
AD9690
Rev. B | Page 23 of 78
30kΩ
ESD
PROTECTED
ESD
PROTECTED
1kΩ
SPIVDD
CSB
Figure 59. CSB Input
30kΩ
ESD
PROTECTED
ESD
PROTECTED
1kΩ
SPIVDD
SPIVDD
SDI
SDIO
SDO
Figure 60. SDIO Input
ESD
PROTECTED
ESD
PROTECTED
SPIVDD
FD
FD
JESD LMFC
FD PIN CONTROL (SPI)
JESD SYNC~
TEMPERATURE DIODE
Figure 61. FD Outputs
30kΩ
ESD
PROTECTED
ESD
PROTECTED
1kΩ
SPIVDD
PDWN/
STBY
PDWN
CONTROL (SPI)
Figure 62. PDWN/STBY Input
ESD
PROTECTED
ESD
PROTECTED
V_1P0
V_1P0 PIN
CONTROL (SPI)
AVDD2
Figure 63. V_1P0 Input/Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com