Electronic Components Datasheet Search
  English  ▼

X  

AD9690 Datasheet(PDF) 31 Page - Analog Devices

Part # AD9690
Description  Analog-to-Digital Converter
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9690 Datasheet(HTML) 31 Page - Analog Devices

Back Button AD9690 Datasheet HTML 27Page - Analog Devices AD9690 Datasheet HTML 28Page - Analog Devices AD9690 Datasheet HTML 29Page - Analog Devices AD9690 Datasheet HTML 30Page - Analog Devices AD9690 Datasheet HTML 31Page - Analog Devices AD9690 Datasheet HTML 32Page - Analog Devices AD9690 Datasheet HTML 33Page - Analog Devices AD9690 Datasheet HTML 34Page - Analog Devices AD9690 Datasheet HTML 35Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 79 page
background image
AD9690
Data Sheet
Rev. B | Page 30 of 78
130
120
110
100
90
80
70
60
50
40
30
10
100
1000
10000
ANALOG INPUT FREQUENCY (MHz)
12.5
fS
25
fS
50
fS
100
fS
200
fS
400
fS
800
fS
Figure 81. Ideal SNR vs. Analog Input Frequency and Jitter
Treat the clock input as an analog signal in cases where aperture
jitter may affect the dynamic range of the AD9690. Separate
power supplies for clock drivers from the ADC output driver
supplies to avoid modulating the clock signal with digital noise.
If the clock is generated from another type of source (by gating,
dividing, or other methods), retime the clock by the original clock
at the last step. Refer to the AN-501 Application Note and the
AN-756 Application Note for more in-depth information about
jitter performance as it relates to ADCs.
Power-Down/Standby Mode
The AD9690 has a PDWN/STBY pin which can be used to
configure the device in power-down or standby mode. The
default operation is PDWN. The PDWN/STBY pin is a logic
high pin. When in power-down mode, the JESD204B link is
disrupted. The power-down option can also be set via
Register 0x03F and Register 0x040.
In standby mode, the JESD204B link is not disrupted and
transmits zeroes for all converter samples. This can be changed
using Register 0x571, Bit 7 to select /K/ characters.
Temperature Diode
The AD9690 contains a diode-based temperature sensor for
measuring the temperature of the die. This diode can output a
voltage and serve as a coarse temperature sensor to monitor the
internal die temperature.
The temperature diode voltage can be output to the FD pin
using the SPI. Use Register 0x028, Bit 0 to enable or disable the
diode. Configure the FD pin to output the diode voltage by
programming Register 0x040[2:0]. See Table 36 for more
information.
The voltage response of the temperature diode (SPIVDD =
1.8 V) is shown in Figure 82.
TEMPERATURE (°C)
0.60
0.65
0.70
0.75
0.80
0.85
0.90
–55 –45 –35 –25 –15 –5
5
15 25 35 45 55 65 75 85 95 105 115 125
Figure 82. Temperature Diode Voltage vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com