Electronic Components Datasheet Search
  English  ▼

X  

AD9690 Datasheet(PDF) 7 Page - Analog Devices

Part # AD9690
Description  Analog-to-Digital Converter
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9690 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD9690 Datasheet HTML 3Page - Analog Devices AD9690 Datasheet HTML 4Page - Analog Devices AD9690 Datasheet HTML 5Page - Analog Devices AD9690 Datasheet HTML 6Page - Analog Devices AD9690 Datasheet HTML 7Page - Analog Devices AD9690 Datasheet HTML 8Page - Analog Devices AD9690 Datasheet HTML 9Page - Analog Devices AD9690 Datasheet HTML 10Page - Analog Devices AD9690 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 79 page
background image
AD9690
Data Sheet
Rev. B | Page 6 of 78
AC SPECIFICATIONS
AVDD1 = 1.25 V, AVDD2 = 2.5 V, AVDD3 = 3.3 V, AVDD1_SR = 1.25 V, DVDD = 1.25 V, DRVDD = 1.25 V, SPIVDD = 1.8 V, specified
maximum sampling rate for each speed grade, AIN = −1.0 dBFS, clock divider = 2, default SPI settings, TA = 25°C, unless otherwise noted.
Table 2.
AD9690-500
AD9690-1000
Parameter1
Temperature
Min
Typ
Max
Min
Typ
Max
Unit
ANALOG INPUT FULL SCALE
Full
2.06
1.7
V p-p
NOISE DENSITY2
Full
−153
−154
dBFS/Hz
SIGNAL-TO-NOISE RATIO (SNR)3
fIN = 10 MHz
25°C
69.2
67.2
dBFS
fIN = 170 MHz
Full
67.8
69.0
65.1
66.6
dBFS
fIN = 340 MHz
25°C
68.6
65.3
dBFS
fIN = 450 MHz
25°C
68.0
64.0
dBFS
fIN = 765 MHz
25°C
64.4
61.5
dBFS
fIN = 985 MHz
25°C
63.8
60.5
dBFS
fIN = 1950 MHz
25°C
60.5
57.0
dBFS
SNR AND DISTORTION RATIO (SINAD)3
fIN = 10 MHz
25°C
69.0
67.1
dBFS
fIN = 170 MHz
Full
66.6
68.8
65.0
66.4
dBFS
fIN = 340 MHz
25°C
68.4
65.2
dBFS
fIN = 450 MHz
25°C
67.9
63.8
dBFS
fIN = 765 MHz
25°C
64.2
62.1
dBFS
fIN = 985 MHz
25°C
63.6
61.1
dBFS
fIN = 1950 MHz
25°C
60.3
56.0
dBFS
EFFECTIVE NUMBER OF BITS (ENOB)
fIN = 10 MHz
25°C
11.2
10.8
Bits
fIN = 170 MHz
Full
10.8
11.1
10.5
10.7
Bits
fIN = 340 MHz
25°C
11.1
10.5
Bits
fIN = 450 MHz
25°C
11.0
10.3
Bits
fIN = 765 MHz
25°C
10.4
10.0
Bits
fIN = 985 MHz
25°C
10.3
9.8
Bits
fIN = 1950 MHz
25°C
9.7
9.0
Bits
SPURIOUS-FREE DYNAMIC RANGE (SFDR)3
fIN = 10 MHz
25°C
83
88
dBFS
fIN = 170 MHz
Full
80
88
75
85
dBFS
fIN = 340 MHz
25°C
83
85
dBFS
fIN = 450 MHz
25°C
81
82
dBFS
fIN = 765 MHz
25°C
80
82
dBFS
fIN = 985 MHz
25°C
75
80
dBFS
fIN = 1950 MHz
25°C
70
68
dBFS
WORST HARMONIC, SECOND OR THIRD3
fIN = 10 MHz
25°C
−83
−88
dBFS
fIN = 170 MHz
Full
−88
−75
−85
−75
dBFS
fIN = 340 MHz
25°C
−83
−85
dBFS
fIN = 450 MHz
25°C
−81
−82
dBFS
fIN = 765 MHz
25°C
−80
−82
dBFS
fIN = 985 MHz
25°C
−75
−80
dBFS
fIN = 1950 MHz
25°C
−70
−68
dBFS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com