Electronic Components Datasheet Search
  English  ▼

X  

AD9250 Datasheet(PDF) 36 Page - Analog Devices

Part # AD9250
Description  Dual Analog-to-Digital Converter
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9250 Datasheet(HTML) 36 Page - Analog Devices

Back Button AD9250 Datasheet HTML 32Page - Analog Devices AD9250 Datasheet HTML 33Page - Analog Devices AD9250 Datasheet HTML 34Page - Analog Devices AD9250 Datasheet HTML 35Page - Analog Devices AD9250 Datasheet HTML 36Page - Analog Devices AD9250 Datasheet HTML 37Page - Analog Devices AD9250 Datasheet HTML 38Page - Analog Devices AD9250 Datasheet HTML 39Page - Analog Devices AD9250 Datasheet HTML 40Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 45 page
background image
AD9250
Data Sheet
Rev. E | Page 36 of 45
MEMORY MAP
READING THE MEMORY MAP REGISTER TABLE
Each row in the memory map register table has eight bit locations.
The memory map is roughly divided into three sections: the
chip configuration registers (Address 0x00 to Address 0x02);
the channel index and transfer registers (Address 0x05 and
Address 0xFF); and the ADC functions registers, including
setup, control, and test (Address 0x08 to Address 0xA8).
The memory map register table (see Table 18) documents the
default hexadecimal value for each hexadecimal address shown.
The column with the heading Bit 7 (MSB) is the start of the
default hexadecimal value given. For example, Address 0x14,
the output mode register, has a hexadecimal default value of
0x01. This means that Bit 0 = 1, and the remaining bits are 0s.
This setting is the default output format value, which is twos
complement. For more information on this function and others,
see the AN-877 Application Note, Interfacing to High Speed
ADCs via SPI. This document details the functions controlled
by Register 0x00 to Register 0x25. The remaining registers,
Register 0x3A and Register 0x59, are documented in the
Memory Map Register Description section.
Open and Reserved Locations
All address and bit locations that are not included in Table 18
are not currently supported for this device. Unused bits of a valid
address location should be written with 0s. Writing to these
locations is required only when part of an address location is
open (for example, Address 0x18). If the entire address location
is open (for example, Address 0x13), do not write to this
address location.
Default Values
After the AD9250 is reset, critical registers are loaded with
default values. The default values for the registers are given
in the memory map register table, Table 18.
Logic Levels
An explanation of logic level terminology follows:
•
“Bit is set” is synonymous with “bit is set to Logic 1” or
“writing Logic 1 for the bit.”
•
“Clear a bit” is synonymous with “bit is set to Logic 0” or
“writing Logic 0 for the bit.”
Channel-Specific Registers
Some channel setup functions, such as dc offset adjust or ouput
data format, can be programmed to a different value for each
channel. In these cases, channel address locations are internally
duplicated or shadowed for each channel. These registers and bits
are designated as local in Table 18. Note that all other listed
registers are considered as global; write operations to these
registers affect the entire device upon completion of the write
operation.
Local registers and bits can be accessed by setting the appropriate
Channel A or Channel B bits in Register 0x05. If both bits are
set, the subsequent write affects the registers of both channels.
In a read cycle, set only Channel A or Channel B to read one of
the two registers. If both bits are set during an SPI read cycle,
the device returns the value for Channel A.
To write to a specific channel, the following three steps must
occur:
1. Select the desired channel(s) for SPI write operation via
Register 0x05.
2. Perform the specific write operation to desired local SPI
register.
3. Transfer of the write operation contents to the target local
register occurs by setting the self clearing transfer bit of
Register 0xFF. Writing 0x01 allows the target local channel
register(s) to be updated internally and simultaneously
when the transfer bit is set. The internal update takes place
when the transfer bit is set and then the bit automatically
clears.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com