Electronic Components Datasheet Search
  English  ▼

X  

AD9250 Datasheet(PDF) 30 Page - Analog Devices

Part # AD9250
Description  Dual Analog-to-Digital Converter
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9250 Datasheet(HTML) 30 Page - Analog Devices

Back Button AD9250 Datasheet HTML 26Page - Analog Devices AD9250 Datasheet HTML 27Page - Analog Devices AD9250 Datasheet HTML 28Page - Analog Devices AD9250 Datasheet HTML 29Page - Analog Devices AD9250 Datasheet HTML 30Page - Analog Devices AD9250 Datasheet HTML 31Page - Analog Devices AD9250 Datasheet HTML 32Page - Analog Devices AD9250 Datasheet HTML 33Page - Analog Devices AD9250 Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 45 page
background image
AD9250
Data Sheet
Rev. E | Page 30 of 45
Table 14. AD9250 JESD204B Configuration, Register 0x3A
Bit No.
Register Description
Functional Description
0
Enable internal
SYSREF buffer
This bit controls the on-chip buffer for the SYSREF singal. By default, this bit is 0, which disables the buffer. If the
AD9250 is configured for JESD204B Subclass 1 operation, SYSREF is required to align the JESD204B link and this
bit must be set to 1.
To avoid a false trigger as a result of transients caused when enabling the buffer (particularly for one-shot SYSREF
configuration), set this bit first and then in a consecutive SPI register write, configure all remaining bits in Register 0x3A
to the desired JESD204B link configuration, including keeping this bit at 1.
A setting of 0 (default) gates the SYSREF signal such that the internal logic is not affected by an external SYSREF.
Set this bit to 0 when in Subclass 0, that is, when SYSREF is not used.
If using Subclass 1 with one-shot SYSREF mode, enable the buffer while the SYSREF is established, but then
disable it during normal operation.
If using Subclass 1 with continuous SYSREF mode, the buffer must remain enabled for normal operation.
1
SYSREF± enable
This bit enables the circuitry that uses the SYSREF input signal and must be on to enable Subclass 1 operation.
Set this bit to 1 when using JESD204B Subclass 1 operation.
This bit is self clearing after a valid SYSREF occurs when SYSREF± mode (Register 0x3A, Bit 2) is set to 1
(configured for one-shot SYSREF operation).
Note that SYSREF is still used in some digital circuitry even if this bit is 0; to disable the SYSREF signal internally,
Register 0x3A Bit 0 must be set to 0.
2
SYSREF± mode
This bit is used in Subclass 1 operation to define one shot or continuous SYSREF mode. To configure continuous
(or gapped periodic) SYSREF, this bit is set to 0. For one-shot operation, this bit is set to 1. In one-shot mode, it is
recommended that the SYSREF buffer be disabled after SYSREF has occurred by setting Register 0x3A, Bit 0 to 0.
3
Realign on SYSREF;
forSubclass 1 only
When this bit is set to 1, the internal clock alignment for the JESD204B timing is forced when an active SYSREF
occurs. This is recommended only for one-shot mode and must only be done prior to initially establishing a link. This
resets the JESD204B link on active SYSREF.
For continuous SYSREF mode, this bit must be set to 0 during normal operation.
4
Realign on SYNCB;
for Subclass 1 only
When this bit is set to 1, the internal clock alignment for the JESD204B timing is forced when an active SYNC
occurs. An active SYNC requires the SYNCINB input to be logic low for at least four consecutive LMFCs.
Table 15. AD9250 JESD204B Frame Alignment Monitoring and Correction Replacement Characters
Scrambling
Lane Synchronization
Character to be Replaced
Last Octet in Multiframe
Replacement Character
Off
On
Last octet in frame repeated from previous frame
No
K28.7
Off
On
Last octet in frame repeated from previous frame
Yes
K28.3
Off
Off
Last octet in frame repeated from previous frame
Not applicable
K28.7
On
On
Last octet in frame equals D28.7
No
K28.7
On
On
Last octet in frame equals D28.3
Yes
K28.3
On
Off
Last octet in frame equals D28.7
Not applicable
K28.7
FRAME AND LANE ALIGNMENT MONITORING
AND CORRECTION
Frame alignment monitoring and correction is part of the JESD204B
specification. The 14-bit word requires two octets to transmit all
the data. The two octets (MSB and LSB), where F = 2, make up
a frame. During normal operating conditions, frame alignment
is monitored via alignment characters, which are inserted under
certain conditions at the end of a frame. Table 15 summarizes the
conditions for character insertion along with the expected characters
under the various operation modes. If lane synchronization is
enabled, the replacement character value depends on whether
the octet is at the end of a frame or at the end of a multiframe.
Based on the operating mode, the receiver can ensure that it is
still synchronized to the frame boundary by correctly receiving
the replacement characters.
DIGITAL OUTPUTS AND TIMING
The AD9250 has differential digital outputs that power up by default.
The driver current is derived on-chip and sets the output current at
each output equal to a nominal 4 mA. Each output presents a 100 Ω
dynamic internal termination to reduce unwanted reflections.
Place a 100 Ω differential termination resistor at each receiver input
to result in a nominal 300 mV peak-to-peak swing at the receiver
(see Figure 57). Alternatively, single-ended 50 Ω termination
can be used. When single-ended termination is used, the
termination voltage should be DRVDD/2; otherwise, ac coupling
capacitors can be used to terminate to any single-ended voltage.
100Ω
OR
100Ω
DIFFERENTIAL
TRACE PAIR
SERDOUTx+
DRVDD
VRXCM
SERDOUTx–
VCM = Rx VCM
OUTPUT SWING = VOD
(SEE TABLE 3)
0.1µF
0.1µF
RECEIVER
Figure 57. AC-Coupled Digital Output Termination Example



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com