Electronic Components Datasheet Search
  English  ▼

X  

AD9250 Datasheet(PDF) 20 Page - Analog Devices

Part # AD9250
Description  Dual Analog-to-Digital Converter
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9250 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD9250 Datasheet HTML 16Page - Analog Devices AD9250 Datasheet HTML 17Page - Analog Devices AD9250 Datasheet HTML 18Page - Analog Devices AD9250 Datasheet HTML 19Page - Analog Devices AD9250 Datasheet HTML 20Page - Analog Devices AD9250 Datasheet HTML 21Page - Analog Devices AD9250 Datasheet HTML 22Page - Analog Devices AD9250 Datasheet HTML 23Page - Analog Devices AD9250 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 45 page
background image
AD9250
Data Sheet
Rev. E | Page 20 of 45
THEORY OF OPERATION
The AD9250 has two analog input channels and two JESD204B
output lanes. The signal passes through several stages before
appearing at the output port(s).
The dual ADC design can be used for diversity reception of signals,
where the ADCs operate identically on the same carrier but from
two separate antennae. The ADCs can also be operated with
independent analog inputs. The user can sample frequencies
from dc to 300 MHz using appropriate low-pass or band-pass
filtering at the ADC inputs with little loss in ADC performance.
Operation to 400 MHz analog input is permitted but occurs at
the expense of increased ADC noise and distortion.
A synchronization capability is provided to allow synchronized
timing between multiple devices.
Programming and control of the AD9250 are accomplished
using a 3-pin, SPI-compatible serial interface.
ADC ARCHITECTURE
The AD9250 architecture consists of a dual, front-end, sample-
and-hold circuit, followed by a pipelined switched capacitor
ADC. The quantized outputs from each stage are combined into
a final 14-bit result in the digital correction logic. The pipelined
architecture permits the first stage to operate on a new input
sample and the remaining stages to operate on the preceding
samples. Sampling occurs on the rising edge of the clock.
Each stage of the pipeline, excluding the last, consists of a low
resolution flash ADC connected to a switched capacitor digital-
to-analog converter (DAC) and an interstage residue amplifier
(MDAC). The MDAC magnifies the difference between the
reconstructed DAC output and the flash input for the next
stage in the pipeline. One bit of redundancy is used in each stage
to facilitate digital correction of flash errors. The last stage simply
consists of a flash ADC.
The input stage of each channel contains a differential sampling
circuit that can be ac- or dc-coupled in differential or single-
ended modes. The output staging block aligns the data, corrects
errors, and passes the data to the output buffers. The output buffers
are powered from a separate supply, allowing digital output noise to
be separated from the analog core.
ANALOG INPUT CONSIDERATIONS
The analog input to the AD9250 is a differential, switched capacitor
circuit that has been designed for optimum performance while
processing a differential input signal.
The clock signal alternatively switches the input between sample
mode and hold mode (see the configuration shown in Figure 38).
When the input is switched into sample mode, the signal source
must be capable of charging the sampling capacitors and settling
within 1/2 clock cycle.
A small resistor in series with each input can help reduce the
peak transient current required from the output stage of the
driving source. A shunt capacitor can be placed across the
inputs to provide dynamic charging currents. This passive
network creates a low-pass filter at the ADC input; therefore,
the precise values are dependent on the application.
In intermediate frequency (IF) undersampling applications, reduce
the shunt capacitors. In combination with the driving source
impedance, the shunt capacitors limit the input bandwidth.
Refer to the AN-742 Application Note, Frequency Domain
Response of Switched-Capacitor ADCs; the AN-827 Application
Note, A Resonant Approach to Interfacing Amplifiers to Switched-
Capacitor ADCs; and the Analog Dialogue article, “Transformer-
Coupled Front-End for Wideband A/D Converters,” for more
information on this subject.
CPAR1
CPAR1
CPAR2
CPAR2
S
S
S
S
S
S
CFB
CFB
CS
CS
BIAS
BIAS
VIN+
H
VIN–
Figure 38. Switched-Capacitor Input
For best dynamic performance, match the source impedances
driving VIN+ and VIN− and differentially balance the inputs.
Input Common Mode
The analog inputs of the AD9250 are not internally dc biased.
In ac-coupled applications, the user must provide this bias
externally. Setting the device so that VCM = 0.5 × AVDD (or
0.9 V) is recommended for optimum performance. An on-board
common-mode voltage reference is included in the design and is
available from the VCM pin. Using the VCM output to set the
input common mode is recommended. Optimum performance
is achieved when the common-mode voltage of the analog input
is set by the VCM pin voltage (typically 0.5 × AVDD). Decouple
the VCM pin to ground by using a 0.1 µF capacitor, as described
in the Applications Information section. Place this decoupling
capacitor close to the pin to minimize the series resistance and
inductance between the part and this capacitor.
Differential Input Configurations
Optimum performance is achieved while driving the AD9250
in a differential input configuration. For baseband applications,
the AD8138, ADA4937-2, ADA4938-2, and ADA4930-2 differ-
ential drivers provide excellent performance and a flexible
interface to the ADC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com