Electronic Components Datasheet Search
  English  ▼

X  

AD9250 Datasheet(PDF) 42 Page - Analog Devices

Part # AD9250
Description  Dual Analog-to-Digital Converter
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9250 Datasheet(HTML) 42 Page - Analog Devices

Back Button AD9250 Datasheet HTML 37Page - Analog Devices AD9250 Datasheet HTML 38Page - Analog Devices AD9250 Datasheet HTML 39Page - Analog Devices AD9250 Datasheet HTML 40Page - Analog Devices AD9250 Datasheet HTML 41Page - Analog Devices AD9250 Datasheet HTML 42Page - Analog Devices AD9250 Datasheet HTML 43Page - Analog Devices AD9250 Datasheet HTML 44Page - Analog Devices AD9250 Datasheet HTML 45Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 42 / 45 page
background image
AD9250
Data Sheet
Rev. E | Page 42 of 45
APPLICATIONS INFORMATION
DESIGN GUIDELINES
Before starting system level design and layout of the AD9250, it
is recommended that the designer become familiar with these
guidelines, which discuss the special circuit connections and
layout requirements needed for certain pins.
Power and Ground Recommendations
When connecting power to the AD9250, use two separate 1.8 V
power supplies. The power supply for AVDD can be isolated and
for DVDD and DRVDD it can be tied together, in which case
isolation between DVDD and DRVDD is required. Isolation can
be achieved using a ferrite bead or an inductor of approximately
1 µH. An unfiltered switching regulator is not recommended for
the DRVDD supply as it impacts the performance of the JESD204B
serial transmission lines and may result in link problems. Alternate-
ly, the JESD204B PHY power (DRVDD) and analog (AVDD)
supplies can be tied together, and a separate supply can be used
for the digital outputs (DVDD).
The designer can employ several different decoupling capacitors
to cover both high and low frequencies. Locate these capacitors
close to the point of entry at the PC board level and close to the
pins of the part with minimal trace length. Each power supply
domain must have local high frequency decoupling capacitors.
This is especially important for DRVDD and AVDD to
maintain analog performance.
When using the AD9250, a single PCB ground plane should be
sufficient. With proper decoupling and smart partitioning of the
PCB analog, digital, and clock sections, optimum performance
is easily achieved.
Exposed Paddle Thermal Heat Slug Recommendations
It is mandatory that the exposed paddle on the underside of the
ADC be connected to analog ground (AGND) to achieve the
best electrical and thermal performance. Mate a continuous,
exposed (no solder mask) copper plane on the PCB to the
AD9250 exposed paddle, Pin 0.
The copper plane must have several vias to achieve the lowest pos-
sible resistive thermal path for heat dissipation to flow through the
bottom of the PCB. Fill or plug these vias with nonconductive epoxy.
To maximize the coverage and adhesion between the ADC and
the PCB, overlay a silkscreen to partition the continuous plane
on the PCB into several uniform sections. This provides several tie
points between the ADC and the PCB during the reflow process.
Using one continuous plane with no partitions guarantees only
one tie point between the ADC and the PCB. See the evaluation
board for a PCB layout example. For detailed information about
the packaging and PCB layout of chip scale packages, refer to
the AN-772 Application Note, A Design and Manufacturing
Guide for the Lead Frame Chip Scale Package (LFCSP).
VCM
Decouple the VCM pin to ground with a 0.1 µF capacitor, as
shown in Figure 40. For optimal channel-to-channel isolation,
include a 33 Ω resistor between the AD9250 VCM pin and the
Channel A analog input network connection, as well as between
the AD9250 VCM pin and the Channel B analog input network
connection.
SPI Port
When the full dynamic performance of the converter is required,
do not activate the SPI port during periods. Because the
SCLK, CS, and SDIO signals are typically asynchronous to the
ADC clock, noise from these signals can degrade converter
performance. If the on-board SPI bus is used for other devices, it
may be necessary to provide buffers between this bus and the
AD9250 to keep these signals from transitioning at the converter
input pins during critical sampling periods.
SPI INITIALIZATION SEQUENCE
On power-up of the AD9250, a host processor is required to
initialize and configure the AD9250 via its SPI port. Figure 63
shows a flowchart of the sequential steps required to bring the
AD9250 to an operational state. The number of SPI writes and
total initialization time is dependent on how many SPI registers
need to be changed from the default setting, usage of the clock
divider, and whether JESD204B Subclass 1 synchronization is
required. Table 19 shows the minimum SPI writes required to
enable the AD9250. Note the following in the sequence of steps
shown in Table 19:
•
Steps that are listed as optional can be ignored if the default
SPI settings are sufficient.
•
Steps that are listed as conditional can be ignored if the
specific condition is not applicable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com