Electronic Components Datasheet Search
  English  ▼

X  

AD9250 Datasheet(PDF) 40 Page - Analog Devices

Part # AD9250
Description  Dual Analog-to-Digital Converter
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9250 Datasheet(HTML) 40 Page - Analog Devices

Back Button AD9250 Datasheet HTML 36Page - Analog Devices AD9250 Datasheet HTML 37Page - Analog Devices AD9250 Datasheet HTML 38Page - Analog Devices AD9250 Datasheet HTML 39Page - Analog Devices AD9250 Datasheet HTML 40Page - Analog Devices AD9250 Datasheet HTML 41Page - Analog Devices AD9250 Datasheet HTML 42Page - Analog Devices AD9250 Datasheet HTML 43Page - Analog Devices AD9250 Datasheet HTML 44Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 45 page
background image
AD9250
Data Sheet
Rev. E | Page 40 of 45
Reg
Addr
(Hex)
Register
Name
Bit 7
(MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0 (LSB)
Default
Notes
0x5F
204B Link
CTRL 1
Tail bits: If
CS bits
are not
enabled;
0 = extra
bits are 0;
1 = extra
bits are 9-
bit PN
JESD204B
test
sample
enabled
Reserved;
set to 1
ILAS mode;
01 = ILAS normal mode
enabled;
11 = ILAS always on, test
mode
Reserved;
set to 0
Power-
down
JESD204B
link; set
high while
configuring
link
parameters
0x14
0x60
204B Link
CTRL 2
Reserved;
set to 0
Reserved;
set to 0
Reserved;
set to 0
Invert
logic of
JESD204B
bits
0x00
0x61
204B Link
CTRL 3
Reserved;
set to 0
Reserved;
set to 0
Test data injection point;
01 = 10-bit data at
8B/10B output;
10 = 8-bit data at
scrambler input
JESD204B test mode patterns;
0000 = normal operation (test mode disabled);
0001 = alternating checker board;
0010 = 1/0 word toggle;
0011 = PN sequence PN23;
0100 = PN sequence PN9;
0101= continuous/repeat user test mode;
0110 = single user test mode;
0111 = reserved;
1000 = modified RPAT test sequence, must be used
with JTX_TEST_GEN_SEL = 01 (output of 8b/10b);
1100 = PN sequence PN7;
1101 = PN sequence PN15;
other setting are unused
0x00
0x62
204B Link
CTRL 4
Reserved
0x00
0x63
204B Link
CTRL 5
Reserved
0x00
0x64
204B DID
config
JESD204B DID value
0x00
0x65
204B BID
config
JESD204B BID value
0x00
0x66
204B LID
Config 0
Lane 0 LID value
0x00
0x67
204B LID
Config 1
Lane 1 LID value
0x01
0x6E
204B
parameters
SCR/L
JESD204B
scrambling
(SCR);
0 =
disabled;
1 =
enabled
JESD204B
lanes (L);
0 = 1 lane;
1 = 2 lanes
0x81
0x6F
204B
parameters
F
JESD204B number of octets per frame (F); calculated value
(Note that this value is in x − 1 format)
0x01
Read
Only
0x70
204B
parameters
K
JESD204B number of frames per multiframe (K); set value of K per JESD204B specifications, but also must be a
multiple of 4 octets
(Note that this value is in x − 1 format)
0x1F
0x71
204B
parameters
M
JESD204B number of converters (M);
0 = 1 converter;
1 = 2 converters
0x01
0x72
204B
parameters
CS/N
Number of control bits
(CS);
00 = no control bits
(CS = 0);
01 = 1 control bit
(CS = 1);
10 = 2 control bits
(CS = 2)
ADC converter resolution (N),
0xD = 14-bit converter (N = 14)
(Note that this value is in x − 1 format)
0x0D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com