Electronic Components Datasheet Search
  English  ▼

X  

AD9250 Datasheet(PDF) 1 Page - Analog Devices

Part # AD9250
Description  Dual Analog-to-Digital Converter
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9250 Datasheet(HTML) 1 Page - Analog Devices

  AD9250 Datasheet HTML 1Page - Analog Devices AD9250 Datasheet HTML 2Page - Analog Devices AD9250 Datasheet HTML 3Page - Analog Devices AD9250 Datasheet HTML 4Page - Analog Devices AD9250 Datasheet HTML 5Page - Analog Devices AD9250 Datasheet HTML 6Page - Analog Devices AD9250 Datasheet HTML 7Page - Analog Devices AD9250 Datasheet HTML 8Page - Analog Devices AD9250 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 45 page
background image
14-Bit, 170 MSPS/250 MSPS, JESD204B,
Dual Analog-to-Digital Converter
Data Sheet
AD9250
Rev. E
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2012–2017 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
JESD204B Subclass 0 or Subclass 1 coded serial digital outputs
Signal-to-noise ratio (SNR) = 70.6 dBFS at 185 MHz AIN and
250 MSPS
Spurious-free dynamic range (SFDR) = 88 dBc at 185 MHz
AIN and 250 MSPS
Total power consumption: 711 mW at 250 MSPS
1.8 V supply voltages
Integer 1-to-8 input clock divider
Sample rates of up to 250 MSPS
IF sampling frequencies of up to 400 MHz
Internal analog-to-digital converter (ADC) voltage reference
Flexible analog input range
1.4 V p-p to 2.0 V p-p (1.75 V p-p nominal)
ADC clock duty cycle stabilizer (DCS)
95 dB channel isolation/crosstalk
Serial port control
Energy saving power-down modes
APPLICATIONS
Diversity radio systems
Multimode digital receivers (3G)
TD-SCDMA, WiMAX, W-CDMA, CDMA2000, GSM, EDGE, LTE
DOCSIS 3.0 CMTS upstream receive paths
HFC digital reverse path receivers
I/Q demodulation systems
Smart antenna systems
Electronic test and measurement equipment
Radar receivers
COMSEC radio architectures
IED detection/jamming systems
General-purpose software radios
Broadband data applications
FUNCTIONAL BLOCK DIAGRAM
CML, TX
OUTPUTS
JESD204B
INTERFACE
HIGH
SPEED
SERIALIZERS
PIPELINE
14-BIT ADC
PIPELINE
14-BIT ADC
CMOS
DIGITAL
INPUT
CMOS
DIGITAL
OUTPUT
FAST
DETECT
CONTROL
REGISTERS
CLOCK
GENERATION
AVDD
VIN+A
SDIO SCLK
FDB
FDA
PDWN
SERDOUT1±
SERDOUT0±
CS
VIN–A
VIN+B
VCM
VIN–B
SYSREF±
SYNCINB±
CLK±
RFCLK
DRVDD
DVDD
AGND DGND DRGND
CMOS
DIGITAL
INPUT/OUTPUT
AD9250
RST
Figure 1.
PRODUCT HIGHLIGHTS
1. Integrated dual, 14-bit, 170 MSPS/250 MSPS ADC.
2. The configurable JESD204B output block supports up to
5 Gbps per lane.
3. An on-chip, phase-locked loop (PLL) allows users to provide
a single ADC sampling clock; the PLL multiplies the ADC
sampling clock to produce the corresponding JESD204B
data rate clock.
4. Support for an optional RF clock input to ease system board
design.
5. Proprietary differential input maintains excellent SNR
performance for input frequencies of up to 400 MHz.
6. Operation from a single 1.8 V power supply.
7. Standard serial port interface (SPI) that supports various
product features and functions such as controlling the clock
DCS, power-down, test modes, voltage reference mode, over
range fast detection, and serial output configuration.
This product may be protected by one or more U.S. or international patents.


Similar Part No. - AD9250

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9250 AD-AD9250 Datasheet
1Mb / 44P
14-Bit, 170 MSPS/250 MSPS, JESD204B,Dual Analog-to-Digital Converter
REV. 0
AD9250-170EBZ AD-AD9250-170EBZ Datasheet
1Mb / 44P
14-Bit, 170 MSPS/250 MSPS, JESD204B,Dual Analog-to-Digital Converter
REV. 0
AD9250-250EBZ AD-AD9250-250EBZ Datasheet
1Mb / 44P
14-Bit, 170 MSPS/250 MSPS, JESD204B,Dual Analog-to-Digital Converter
REV. 0
AD9250BCPZ-170 AD-AD9250BCPZ-170 Datasheet
1Mb / 44P
14-Bit, 170 MSPS/250 MSPS, JESD204B,Dual Analog-to-Digital Converter
REV. 0
AD9250BCPZ-250 AD-AD9250BCPZ-250 Datasheet
1Mb / 44P
14-Bit, 170 MSPS/250 MSPS, JESD204B,Dual Analog-to-Digital Converter
REV. 0
More results

Similar Description - AD9250

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DAC725 BURR-BROWN-DAC725 Datasheet
102Kb / 7P
Dual 16-Bit DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
TMS57014A TI-TMS57014A Datasheet
227Kb / 16P
DUAL AUDIO DIGITAL-TO-ANALOG CONVERTER
logo
Analog Devices
AD9691 AD-AD9691_17 Datasheet
1Mb / 73P
Dual Analog-to-Digital Converter
Rev. 0
AD9695 AD-AD9695 Datasheet
5Mb / 136P
Dual Analog-to-Digital Converter
Rev. 0
AD9234 AD-AD9234_17 Datasheet
1Mb / 67P
Dual Analog-to-Digital Converter
Rev. A
AD9680 AD-AD9680_17 Datasheet
3Mb / 99P
Dual Analog-to-Digital Converter
Rev. C
AD9684 AD-AD9684_17 Datasheet
1Mb / 65P
Dual Analog-to-Digital Converter
Rev. 0
AD9689 AD-AD9689 Datasheet
2Mb / 134P
Dual Analog-to-Digital Converter
Rev. A
AD9640 AD-AD9640_17 Datasheet
1Mb / 54P
1.8V Dual Analog-to-Digital Converter
Rev. B
AD9218 AD-AD9218_17 Datasheet
872Kb / 29P
3V Dual Analog-to-Digital Converter
Rev. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com