Electronic Components Datasheet Search
  English  ▼

X  

AD9250 Datasheet(PDF) 44 Page - Analog Devices

Part # AD9250
Description  Dual Analog-to-Digital Converter
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9250 Datasheet(HTML) 44 Page - Analog Devices

Back Button AD9250 Datasheet HTML 37Page - Analog Devices AD9250 Datasheet HTML 38Page - Analog Devices AD9250 Datasheet HTML 39Page - Analog Devices AD9250 Datasheet HTML 40Page - Analog Devices AD9250 Datasheet HTML 41Page - Analog Devices AD9250 Datasheet HTML 42Page - Analog Devices AD9250 Datasheet HTML 43Page - Analog Devices AD9250 Datasheet HTML 44Page - Analog Devices AD9250 Datasheet HTML 45Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 44 / 45 page
background image
AD9250
Data Sheet
Rev. E | Page 44 of 45
Step
Address
Write
Value
Comments
11
Optional: JESD204B Subclass 1 synchronization setup.
0x3A
0x01
Enable the SYSREF buffer first to avoid false triggering (especially one-shot operation) before setting the
remaining bits in Register 0x3A.
0xFF
0x01
Transfer command for local Register
0x3A
0x0F or
0x03
Configure the method of SYSREF operation. For one-shot operation, set to 0x0F. For continuous or gapped
periodic SYSREF operation, set to 0x03.
0xFF
0x01
Transfer command for local Register
12
Begin JESD204B link establishment.
0x0A
Optional: read back Register 0x0A with 0x81 indicating that the JESD204B PLL is locked.
0x5F
0x14
Enable the JESD204B PHY. This begins the CGS phase for establishing a link.
0xF3
0xFF
Force an internal FIFO alignment.
Wait at least six LMFC cycles.
Note that the JESD204B link must be established at this time before continuing.
13
Optional: When operating in SubClass 1 mode, apply external SYSREF signal for LMFC alignment.
Wait at least six LMFC cycles for LMFC alignment between JESD204B Tx and Rx to occur.
0x3A
0x04
Conditional: disable the internal SYSREF buffer if configured for one-shot operation.
0xFF
0x01
Transfer command for local Register
14
Internal FIFO clock adjustment.
0xEE
0x81
Clock adjustment procedure.1
0xEF
0x81
Clock adjustment procedure.1
0xEE
0x82
Clock adjustment procedure.1
0xEF
0x82
Clock adjustment procedure.1
0xEE
0x83
Clock adjustment procedure.1
0xEF
0x83
Clock adjustment procedure.1
0xEE
0x84
Clock adjustment procedure.1
0xEF
0x84
Clock adjustment procedure.1
0xEE
0x85
Clock adjustment procedure.1
0xEF
0x85
Clock adjustment procedure.1
0xEE
0x86
Clock adjustment procedure.1
0xEF
0x86
Clock adjustment procedure.1
0xEE
0x87
Clock adjustment procedure.1
0xEF
0x87
Clock adjustment procedure.1
Wait at least six LMFC cycles.
1
Following this procedure optimizes write and read clock delays of internal FIFO to avoid possible overflow, overtemperature, and supply variations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com