Electronic Components Datasheet Search
  English  ▼

X  

AD9250 Datasheet(PDF) 28 Page - Analog Devices

Part # AD9250
Description  Dual Analog-to-Digital Converter
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9250 Datasheet(HTML) 28 Page - Analog Devices

Back Button AD9250 Datasheet HTML 24Page - Analog Devices AD9250 Datasheet HTML 25Page - Analog Devices AD9250 Datasheet HTML 26Page - Analog Devices AD9250 Datasheet HTML 27Page - Analog Devices AD9250 Datasheet HTML 28Page - Analog Devices AD9250 Datasheet HTML 29Page - Analog Devices AD9250 Datasheet HTML 30Page - Analog Devices AD9250 Datasheet HTML 31Page - Analog Devices AD9250 Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 45 page
background image
AD9250
Data Sheet
Rev. E | Page 28 of 45
Table 12. JESD204B Configuration Table Used in ILAS and
CHKSUM Calculation
No.
Bit 7
(MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
(LSB)
0
DID[7:0]
1
BID[3:0]
2
LID[4:0]
3
SCR
L[4:0]
4
F[7:0]
5
K[4:0]
6
M[7:0]
7
CS[1:0]
N[4:0]
8
SUBCLASS[2:0]
N’[4:0]
9
JESDV[2:0]
S[4:0]
10
CF[4:0]
Additional Digital Output Configuration Options
Other data format controls include the following:
Invert polarity of serial output data: Register 0x60, Bit 1.
ADC data format (offset binary or twos complement):
Register 0x14, Bits[1:0].
Options for interpreting single on SYSREF± and SYNCINB±:
Register 0x3A. See Table 14 for additional descriptions of
Register 0x3A controls.
Option to remap converter and lane assignments, Register 0x82
and Register 0x83. See Figure 54 for simplified block diagram.
Re-Enable Lanes After Configuration
After modifying the JESD204B link parameters, enable the link so
that the synchronization process can begin. This is accomplished
by writing Logic 0 to Register 0x5F, Bit 0.
Internal FIFO Timing Optimization
Each lane of the of the AD9250 JESD204B digital path includes
an internal FIFO situated between the framer and serializer,
which operate from two different clock domains, the ADC
sample clock and JESD204B PLL domains. To optimize the
write and read pointers against possible FIFO overflow (or
underflow) under extreme temperature changes and inconsistent
power-up conditions, additional steps are required to increase the
timing margin. The procedures described in Step 15 of Table 19
adjust the write clock phase (via Register 0xEE and Register
0xEF) with respect to the read clock to optimize the timing
margin.
CONVERTER A
CONVERTER B
CONVERTER B
INPUT
CONVERTER A
INPUT
SYSREF
SYNCINB
CONVERTER B
SAMPLE
CONVERTER A
SAMPLE
AD9250 DUAL ADC
LANE 0
LANE 1
SERDOUT0
SERDOUT1
LANE 1
LANE 0
A
A
B
B
PRIMARY CONVERTER
INPUT [0]
PRIMARY LANE
OUTPUT [0]
PRIMARY CONVERTER
INPUT [0]
PRIMARY LANE
OUTPUT [0]
JESD204B LANE CONTROL
(M = 1, 2; L = 1, 2)
LANE MUX
(SPI REGISTER
MAPPING: 0x82,0x83)
SECONDARY CONVERTER
INPUT [1]
SECONDARY LANE
OUTPUT [1]
SECONDARY CONVERTER
INPUT [1]
SECONDARY LANE
OUTPUT [1]
JESD204B LANE CONTROL
(M = 1, 2; L = 1, 2)
Figure 54. AD9250 Transmit Link Simplified Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com