Electronic Components Datasheet Search
  English  ▼

X  

AD9250 Datasheet(PDF) 24 Page - Analog Devices

Part # AD9250
Description  Dual Analog-to-Digital Converter
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9250 Datasheet(HTML) 24 Page - Analog Devices

Back Button AD9250 Datasheet HTML 20Page - Analog Devices AD9250 Datasheet HTML 21Page - Analog Devices AD9250 Datasheet HTML 22Page - Analog Devices AD9250 Datasheet HTML 23Page - Analog Devices AD9250 Datasheet HTML 24Page - Analog Devices AD9250 Datasheet HTML 25Page - Analog Devices AD9250 Datasheet HTML 26Page - Analog Devices AD9250 Datasheet HTML 27Page - Analog Devices AD9250 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 45 page
background image
AD9250
Data Sheet
Rev. E | Page 24 of 45
Treat the clock input as an analog signal in cases where aperture
jitter may affect the dynamic range of the AD9250. Separate the
power supplies for the clock drivers from the ADC output driver
supplies to avoid modulating the clock signal with digital noise.
Low jitter, crystal controlled oscillators make the best clock
sources. If the clock is generated from another type of source (by
gating, dividing, or another method), retime it by the original
clock at the last step.
Refer to the AN-501 Application Note, Aperture Uncertainty and
ADC System Performance and the AN-756 Application Note,
Sampled Systems and the Effects of Clock Phase Noise and Jitter for
more information about jitter performance as it relates to ADCs.
POWER DISSIPATION AND STANDBY MODE
As shown in Figure 53, the power dissipated by the AD9250 is
proportional to its sample rate. The data in Figure 53 was taken
using the same operating conditions as those used for the Typical
Performance Characteristics section.
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
40
90
140
190
240
POWER (AVDD)
POWER (DVDD)
TOTAL POWER
ENCODE FREQUENCY (MSPS)
Figure 53. AD9250-250 Power vs. Encode Rate
By asserting PDWN (either through the SPI port or by asserting
the PDWN pin high), the AD9250 is placed in power-down mode.
In this state, the ADC typically dissipates about 9 mW. Asserting the
PDWN pin low returns the AD9250 to its normal operating mode.
Low power dissipation in power-down mode is achieved by
shutting down the reference, reference buffer, biasing networks,
and clock. Internal capacitors are discharged when entering power-
down mode and then must be recharged when returning to normal
operation. As a result, wake-up time is related to the time spent
in power-down mode, and shorter power-down cycles result in
proportionally shorter wake-up times.
When using the SPI port interface, the user can place the ADC
in power-down mode or standby mode. Standby mode allows
the user to keep the internal reference circuitry powered when
faster wake-up times are required. See the Memory Map Register
Description section and the AN-877 Application Note,
Interfacing to High Speed ADCs via SPI, for additional details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com