Electronic Components Datasheet Search
  English  ▼

X  

AD9250 Datasheet(PDF) 25 Page - Analog Devices

Part # AD9250
Description  Dual Analog-to-Digital Converter
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9250 Datasheet(HTML) 25 Page - Analog Devices

Back Button AD9250 Datasheet HTML 21Page - Analog Devices AD9250 Datasheet HTML 22Page - Analog Devices AD9250 Datasheet HTML 23Page - Analog Devices AD9250 Datasheet HTML 24Page - Analog Devices AD9250 Datasheet HTML 25Page - Analog Devices AD9250 Datasheet HTML 26Page - Analog Devices AD9250 Datasheet HTML 27Page - Analog Devices AD9250 Datasheet HTML 28Page - Analog Devices AD9250 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 45 page
background image
Data Sheet
AD9250
Rev. E | Page 25 of 45
DIGITAL OUTPUTS
JESD204B TRANSMIT TOP LEVEL DESCRIPTION
The AD9250 digital output uses the JEDEC Standard No.
JESD204B, Serial Interface for Data Converters. JESD204B is a
protocol to link the AD9250 to a digital processing device over a
serial interface of up to 5 Gbps link speeds (3.5 Gbps, 14-bit
ADC data rate). The benefits of the JESD204B interface include
a reduction in required board area for data interface routing
and the enabling of smaller packages for converter and logic
devices. The AD9250 supports single or dual lane interfaces.
JESD204B OVERVIEW
The JESD204B data transmit block assembles the parallel data from
the ADC into frames and uses 8b/10b encoding as well as optional
scrambling to form serial output data. Lane synchronization is
supported using special characters during the initial establishment
of the link, and additional synchronization is embedded in the
data stream thereafter. A matching external receiver is required
to lock onto the serial data stream and recover the data and clock.
For additional details on the JESD204B interface, refer to the
JESD204B standard.
The AD9250 JESD204B transmit block maps the output of the
two ADCs over a link. A link can be configured to use either
single or dual serial differential outputs that are called lanes.
The JESD204B specification refers to a number of parameters to
define the link, and these parameters must match between the
JESD204B transmitter (AD9250 output) and receiver.
The JESD204B link is described according to the following
parameters:
•
S = samples transmitted/single converter/frame cycle
(AD9250 value = 1)
•
M = number of converters/converter device
(AD9250 value = 2 by default, or can be set to 1)
•
L = number of lanes/converter device
(AD9250 value = 1 or 2)
•
N = converter resolution (AD9250 value = 14)
•
N’ = total number of bits per sample (AD9250 value = 16)
•
CF = number of control words/frame clock cycle/converter
device (AD9250 value = 0)
•
CS = number of control bits/conversion sample
(configurable on the AD9250 up to 2 bits)
•
K = number of frames per multiframe (configurable on
the AD9250)
•
HD = high density mode (AD9250 value = 0)
•
F = octets/frame (AD9250 value = 2 or 4, dependent upon
L = 2 or 1)
•
C = control bit (overrange, overflow, underflow; available
on the AD9250)
•
T = tail bit (available on the AD9250)
•
SCR = scrambler enable/disable (configurable on the AD9250)
•
FCHK = checksum for the JESD204B parameters
(automatically calculated and stored in register map)
Figure 54 shows a simplified block diagram of the AD9250
JESD204B link. By default, the AD9250 is configured to use
two converters and two lanes. Converter A data is output to
SERDOUT0+/SERDOUT0−, and Converter B is output to
SERDOUT1+/SERDOUT1−. The AD9250 allows for other
configurations such as combining the outputs of both converters
onto a single lane or changing the mapping of the A and B
digital output paths. These modes are setup through a quick
configuration register in the SPI register map, along with
additional customizable options.
By default in the AD9250, the 14-bit converter word from each
converter is broken into two octets (8 bits of data). Bit 13 (MSB)
through Bit 6 are in the first octet. The second octet contains
Bit 5 through Bit 0 (LSB), and two tail bits are added to fill the
second octet. The tail bits can be configured as zeros, pseudo-
random number sequence or control bits indicating overrange,
underrange, or valid data conditions.
The two resulting octets can be scrambled. Scrambling is
optional; however, it is available to avoid spectral peaks when
transmitting similar digital data patterns. The scrambler uses a
self synchronizing, polynomial-based algorithm defined by the
equation 1 + x14 + x15. The descrambler in the receiver should be
a self-synchronizing version of the scrambler polynomial.
The two octets are then encoded with an 8b/10b encoder. The
8b/10b encoder works by taking eight bits of data (an octet) and
encoding them into a 10-bit symbol. Figure 55 shows how the
14-bit data is taken from the ADC, the tail bits are added, the two
octets are scrambled, and how the octets are encoded into two
10-bit symbols. Figure 55 illustrates the default data format.
At the data link layer, in addition to the 8b/10b encoding, the
character replacement is used to allow the receiver to monitor
frame alignment. The character replacement process occurs on the
frame and multiframe boundaries, and implementation depends
on which boundary is occurring, and if scrambling is enabled.
If scrambling is disabled, the following applies. If the last scrambled
octet of the last frame of the multiframe equals the last octet of
the previous frame, the transmitter replaces the last octet with
the control character /A/ = /K28.3/. On other frames within the
multiframe, if the last octet in the frame equals the last octet of
the previous frame, the transmitter replaces the last octet with
the control character /F/= /K28.7/.
If scrambling is enabled, the following applies. If the last octet of
the last frame of the multiframe equals 0x7C, the transmitter
replaces the last octet with the control character /A/ = /K28.3/.
On other frames within the multiframe, if the last octet equals
0xFC, the transmitter replaces the last octet with the control
character /F/ = /K28.7/.
Refer to JEDEC Standard No. 204B-July 2011 for additional
information about the JESD204B interface. Section 5.1 covers
the transport layer and data format details and Section 5.2
covers scrambling and descrambling.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com