Electronic Components Datasheet Search
  English  ▼

X  

AD9250 Datasheet(PDF) 22 Page - Analog Devices

Part # AD9250
Description  Dual Analog-to-Digital Converter
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9250 Datasheet(HTML) 22 Page - Analog Devices

Back Button AD9250 Datasheet HTML 18Page - Analog Devices AD9250 Datasheet HTML 19Page - Analog Devices AD9250 Datasheet HTML 20Page - Analog Devices AD9250 Datasheet HTML 21Page - Analog Devices AD9250 Datasheet HTML 22Page - Analog Devices AD9250 Datasheet HTML 23Page - Analog Devices AD9250 Datasheet HTML 24Page - Analog Devices AD9250 Datasheet HTML 25Page - Analog Devices AD9250 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 45 page
background image
AD9250
Data Sheet
Rev. E | Page 22 of 45
Nyquist Clock Input Options
The AD9250 Nyquist clock input supports a differential clock
between 40 MHz to 625 MHz. The clock input structure supports
differential input voltages from 0.3 V to 3.6 V and is therefore
compatible with various logic family inputs, such as CMOS,
LVDS, and LVPECL. A sine wave input is also accepted, but
higher slew rates typically provide optimal performance. Clock
source jitter is a critical parameter that can affect performance, as
described in the Jitter Considerations section. If the inputs are
floated, pull the CLK− pin low to prevent spurious clocking.
The Nyquist clock input pins, CLK+ and CLK−, are internally
biased to 0.9 V and have a typical input impedance of 4 pF in
parallel with 10 kΩ (see Figure 43). The input clock is typically
ac-coupled to CLK+ and CLK−. Some typical clock drive circuits
are presented in Figure 44 through Figure 47 for reference.
AVDD
CLK+
4pF
4pF
CLK–
0.9V
Figure 43. Equivalent Nyquist Clock Input Circuit
For applications where a single-ended low jitter clock between
40 MHz to 200 MHz is available, an RF transformer is recom-
mended. An example using an RF transformer in the clock network
is shown in Figure 44. At frequencies above 200 MHz, an RF balun
is recommended, as seen in Figure 45. The back-to-back Schottky
diodes across the transformer secondary limit clock excursions into
the AD9250 to approximately 0.8 V p-p differential. This limit helps
prevent the large voltage swings of the clock from feeding through
to other portions of the AD9250, yet preserves the fast rise and fall
times of the clock, which are critical to low jitter performance.
390pF
390pF
390pF
SCHOTTKY
DIODES:
HSMS2822
CLOCK
INPUT
50
Ω
100
Ω
CLK–
CLK+
ADC
Mini-Circuits®
ADT1-1WT, 1:1Z
XFMR
Figure 44. Transformer-Coupled Differential Clock (Up to 200 MHz)
390pF
390pF
390pF
CLOCK
INPUT
1nF
25
Ω
25
Ω
CLK–
CLK+
SCHOTTKY
DIODES:
HSMS2822
ADC
Figure 45. Balun-Coupled Differential Clock (Up to 625 MHz)
In some cases, it is desirable to buffer or generate multiple
clocks from a single source. In those cases, Analog Devices, Inc.,
offers clock drivers with excellent jitter performance. Figure 46
shows a typical PECL driver circuit that uses PECL drivers such
as the AD9510, AD9511, AD9512, AD9513, AD9514, AD9515,
AD9516-0 through AD9516-5 device family, AD9517-0 through
AD9517-4 device family, AD9518-0 through AD9518-4 device
family, AD9520-0 through AD9520-5 device family, AD9522-0
through AD9522-5 device family, AD9523, AD9524, and
ADCLK905/ADCLK907/ADCLK925
100
Ω
0.1µF
0.1µF
0.1µF
0.1µF
240
Ω
240
Ω
PECL DRIVER
50k
Ω
50k
Ω
CLK–
CLK+
CLOCK
INPUT
CLOCK
INPUT
AD95xx
ADC
Figure 46. Differential PECL Sample Clock (Up to 625 MHz)
Analog Devices also offers LVDS clock drivers with excellent jitter
performance. A typical circuit is shown in Figure 47 and uses LVDS
drivers such as the AD9510, AD9511, AD9512, AD9513, AD9514,
AD9515, AD9516-0 through AD9516-5 device family, AD9517-0
through AD9517-4 device family, AD9518-0 through AD9518-4
device family, AD9520-0 through AD9520-5 device family,
AD9522-0 through AD9522-5 device family, AD9523, and AD9524.
100
Ω
0.1µF
0.1µF
0.1µF
0.1µF
50k
Ω
50k
Ω
CLK–
CLK+
CLOCK
INPUT
CLOCK
INPUT
AD95xx
LVDS DRIVER
ADC
Figure 47. Differential LVDS Sample Clock (Up to 625 MHz)
RF Clock Input Options
The AD9250 RF clock input supports a single-ended clock
between 625 GHz to 1.5 GHz. The equivalent RF clock input
circuit is shown in Figure 48. The input is self biased to 0.9 V and
is typically ac-coupled. The input has a typical input impedance
of 10 kΩ in parallel with 1 pF at the RFCLK pin.
BIAS
CONTROL
10k
Ω
RFCLK
INTERNAL
CLOCK DRIVER
1pF
Figure 48. Equivalent RF Clock Input Circuit
It is recommended to drive the RF clock input of the AD9250 with
a PECL or sine wave signal with a minimum signal amplitude of
600 mV peak to peak. Regardless of the type of signal being used,
clock source jitter is of the most concern, as described in the Jitter
Considerations section. Figure 49 shows the preferred method of
clocking when using the RF clock input on the AD9250. It is
recommended to use a 50 Ω transmission line to route the clock
signal to the RF clock input of the AD9250 due to the high
frequency nature of the signal and terminate the transmission
line close to the RF clock input.
RFCLK
ADC
50
Ω Tx LINE
RF CLOCK
INPUT
0.1µF
50
Ω
Figure 49. Typical RF Clock Input Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com