Electronic Components Datasheet Search
  English  ▼

X  

AD9250 Datasheet(PDF) 38 Page - Analog Devices

Part # AD9250
Description  Dual Analog-to-Digital Converter
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9250 Datasheet(HTML) 38 Page - Analog Devices

Back Button AD9250 Datasheet HTML 34Page - Analog Devices AD9250 Datasheet HTML 35Page - Analog Devices AD9250 Datasheet HTML 36Page - Analog Devices AD9250 Datasheet HTML 37Page - Analog Devices AD9250 Datasheet HTML 38Page - Analog Devices AD9250 Datasheet HTML 39Page - Analog Devices AD9250 Datasheet HTML 40Page - Analog Devices AD9250 Datasheet HTML 41Page - Analog Devices AD9250 Datasheet HTML 42Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 45 page
background image
AD9250
Data Sheet
Rev. E | Page 38 of 45
Reg
Addr
(Hex)
Register
Name
Bit 7
(MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0 (LSB)
Default
Notes
0x10
Customer
offset
(local)
Offset adjust in LSBs from +31 to −32 (twos complement format);
01 1111 = adjust output by +31;
01 1110 = adjust output by +30;
…
00 0001 = adjust output by +1;
00 0000 = adjust output by 0 (default);
…
10 0001 = adjust output by −31;
10 0000 = adjust output by −32
0x00
Local
0x14
Output
mode
(local)
JTX CS bits assignment (in
conjunction with Register 0x72)
000 = (overrange||underrange, valid)
001 = (overrange||underrange)
010 = (overrange||underrange, blank)
011 = (blank, valid)
100 = (blank, blank)
All others = (overrange||underrange,
valid)
Disable
output
from ADC
Invert ADC
data;
0 = normal
(default);
1 =
inverted
Digital datapath output
data format select (DFS)
(local);
00 = offset binary;
01 = twos complement
0x01
Local
0x15
CML output
adjust
JESD204B CML differential output drive
level adjustment;
000 = 81% of nominal (that is, 478 mV);
001 = 89% of nominal (that is, 526 mV);
010 = 98% of nominal (that is, 574 mV);
011 = nominal (default) (that is, 588 mV);
110 = 126% of nominal (that is, 738 mV)
0x03
0x18
ADC VREF
Main reference full-scale VREF adjustment;
0 1111 = internal 2.087 V p-p;
…
0 0001 = internal 1.772 V p-p;
0 0000 = internal 1.75 V p-p (default);
1 1111 = internal 1.727 V p-p;
…
1 0000 = internal 1.383 V p-p
0x00
Local
0x19
User Test
Pattern 1 L
User Test Pattern 1 LSB; use in conjunction with Register 0x0D and Register 0x61
0x00
0x1A
User Test
Pattern 1 M
User Test Pattern 1 MSB
0x00
0x1B
User Test
Pattern 2 L
User Test Pattern 2 LSB
0x00
0x1C
User Test
Pattern 2 M
User Test Pattern 2 MSB
0x00
0x1D
User Test
Pattern 3 L
User Test Pattern 3 LSB
0x00
0x1E
User Test
Pattern 3 M
User Test Pattern 3 MSB
0x00
0x1F
User Test
Pattern 4 L
User Test Pattern 4 LSB
0x00
0x20
User Test
Pattern 4 M
User Test Pattern 4 MSB
0x00
0x21
PLL low
encode
00 = for lane speeds >
2 Gbps;
01 = for lane speeds <
2 Gbps
0x00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com