Electronic Components Datasheet Search
  English  ▼

X  

AD9250 Datasheet(PDF) 41 Page - Analog Devices

Part # AD9250
Description  Dual Analog-to-Digital Converter
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9250 Datasheet(HTML) 41 Page - Analog Devices

Back Button AD9250 Datasheet HTML 37Page - Analog Devices AD9250 Datasheet HTML 38Page - Analog Devices AD9250 Datasheet HTML 39Page - Analog Devices AD9250 Datasheet HTML 40Page - Analog Devices AD9250 Datasheet HTML 41Page - Analog Devices AD9250 Datasheet HTML 42Page - Analog Devices AD9250 Datasheet HTML 43Page - Analog Devices AD9250 Datasheet HTML 44Page - Analog Devices AD9250 Datasheet HTML 45Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 41 / 45 page
background image
Data Sheet
AD9250
Rev. E | Page 41 of 45
Reg
Addr
(Hex)
Register
Name
Bit 7
(MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0 (LSB)
Default
Notes
0x73
204B
parameters
subclass/Np
JESD204B subclass;
0x0 = Subclass 0;
0x1 = Subclass 1
(default)
JESD204B N’ value; 0xF = N’ = 16
(Note that this value is in x – 1 format)
0x2F
0x74
204B
parameters S
Reserved;
set to 1
JESD204B samples per converter frame cycle (S); read only
(Note that this value is in x − 1 format)
0x20
0x75
204B
parameters
HD and CF
JESD204B
HD value;
read only
JESD204B control words per frame clock cycle per link (CF);
read only
0x00
Read
Only
0x76
204B RESV1
Reserved Field Number 1
0x00
0x77
204B RESV2
Reserved Field Number 2
0x00
0x78
204B
CHKSUM0
JESD204B serial checksumvalue for Lane 0
0x42
0x79
204B
CHKSUM1
JESD204B serial checksumvalue for Lane 1
0x43
0x82
204B Lane
Assign 1
00 = assign Logical Lane 0
to Physical Lane A
(default);
01 = assign Logical Lane 0
to Physical Lane B
Reserved;
set to 1
Reserved;
set to 0
0x02
0x83
204B Lane
Assign 2
Reserved;
set to 1
Reserved;
set to 1
00 = assign Logical Lane
1 to Physical Lane A;
01 = assign Logical Lane 1
to Physical Lane B
(default)
0x31
0x8B
204B LMFC
offset
Local multiframe clock (LMFC) phase offset value; reset value for
LMFC phase counter when SYSREF is asserted; used for
deterministic delay applications
0x00
0xA8
204B pre-
emphasis
JESD204B pre-emphasis enable option (consult factory for more detail);
set value to 0x04 for pre-emphasis off;
set value to 0x14 for pre-emphasis on
0x04
Typically
not
required
0xEE
Internal
digital clock
delay
Enable
internal
clock delay
Set to 0
Set to 0
Set to 0
Use incrementing values from 0 to 7 to increase
internal digital clock delay. For internal data latching
purposes, this does not affect external timing.
0x00
See
JESD
Section
for use
0xEF
Internal
digital clock
delay
Enable
internal
clock delay
Set to 0
Set to 0
Set to 0
Use incrementing values from 0 to 7 to increase
internal digital clock delay. For internal data latching
purposes, this does not affect external timing.
0x00
See
JESD
Section
for use
0xF3
Internal
digital clock
alignment
Force
manual
re-align
on Lane 1,
self
clearing
Lane 1
Alignment
complete
Force
manual
realign on
Lane 0,
self
clearing
Lane 0
alignment
complete
0x14
See
JESD
Section
for use
0xFF
Device
update
(global)
Transfer
settings
MEMORY MAP REGISTER DESCRIPTION
For more information on functions controlled in Register 0x00
to Register 0x25, see the AN-877 Application Note, Interfacing
to High Speed ADCs via SPI.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com