Electronic Components Datasheet Search
  English  ▼

X  

AD9250 Datasheet(PDF) 43 Page - Analog Devices

Part # AD9250
Description  Dual Analog-to-Digital Converter
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9250 Datasheet(HTML) 43 Page - Analog Devices

Back Button AD9250 Datasheet HTML 37Page - Analog Devices AD9250 Datasheet HTML 38Page - Analog Devices AD9250 Datasheet HTML 39Page - Analog Devices AD9250 Datasheet HTML 40Page - Analog Devices AD9250 Datasheet HTML 41Page - Analog Devices AD9250 Datasheet HTML 42Page - Analog Devices AD9250 Datasheet HTML 43Page - Analog Devices AD9250 Datasheet HTML 44Page - Analog Devices AD9250 Datasheet HTML 45Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 43 / 45 page
background image
Data Sheet
AD9250
Rev. E | Page 43 of 45
SET THE QUICK JESD204
CONFIGURATION MODE
(REFER TO TABLE 13)
RESET INTERNAL CLOCKS
TO MINIMUM SETTING
FIFO WRITE/READ
CLOCK ADJUSTMENT
WAIT >6LMFC CLOCKS
OPTIONAL
MODIFY ANY OTHER
JESD204B PARAMETERS
FROM DEFAULT SETTING
DISABLE THE JESD204B
TxPHY DURING SET-UP
(AS WELL AS JESD204B Rx)
APPLY POWER AND CLOCK
ALLOW TIME TO SETTLE
ISSUE SOFTWARE RESET
THEN WAIT 500µs MIN
ISSUE SOFTWARE
POWER-DOWN
SET DIVIDER VALUE
OPTIONAL
CONFIGURE ANY
NON-JESD204
REGISTERS FROM
DEFAULT SETTING
USE CLOCK
DIVIDER?
YES
NO
ISSUE SOFTWARE
POWER-UP
WAIT 250ms
USE CLOCK
DIVIDER?
YES
NO
JESD204B
SUBCLASS1
SYNC
YES
NO
ENABLE
SYSREF BUFFER
CONFIGURE
SYSREF MODE
READBACKPLL LOCK BIT
ENABLE PHY TO BEGIN CGS PHASE
FORCE FIFO ALIGNMENT
WAIT >6LMFC CLOCKS
APPLY EXTERNAL SYSREF
WAIT >6LMFC CLOCKS
DISABLE SYSREF BUFFER
(ONE-SHOT MODE ONLY)
JESD204B
SUBCLASS1
SYNC
YES
NO
Figure 63. Flowchart Showing Sequence of Steps Required to Initialize the AD9250
Table 19. SPI Initialization Sequence
Step
Address
Write
Value
Comments
1
Apply power to the AD9250 and allow the voltages and clocks to stabilize.
2
0x00
0x3C
Software reset.
3
Wait 500 μs minimum.
4
0x5F
0x15
Disable the JESD204B PHY.
5
Optional: modify any other non-JESD204B register from default setting depending on application
requirements. Note, any local register must be followed by a transfer command (0xFF= 0x01)
6
0x0B
0x01
Optional: set the clock divider ratio if using a clock divider. Note that the 0x01 value shown corresponds to a
divide-by-2 clock ratio.
0xFF
0x01
Transfer command for local Register
7
0x5E
0xML
Set the JESD204B quick configuration register based on the desired M and L values.
8
0xEE
0x80
Enable the internal clock delay block for minimum delay.
9
0x21
0x00
Conditional: configure the PLL low encode register. Only set to 0x01 if the lane rate is < 2 GBPS. The default
setting is 0x00.
10
Optional: modify the JESD204B centric registers from the default setting as follows:
0x14
0x01
Configure the data output with 0x01 being the default (twos complement).
0x15
0x03
Set the JESD204B CML differential drive level with 0x03 being default (588 mV).
0x66
0x00
Set the Lane 0 and Lane 1 LID value (defaults shown).
0x67
0x01
Set the Lane 0 and Lane 1 LID value (defaults shown).
0x6E
0x81
Enable the JESD204B scrambling in Bit 7 while keeping desired JESD204B lane value, L, in Bit 0. Default shown.
0x70
0x1F
Modify the JESD204B K and CS values. Default shown.
0x82
0x0D
Modify the JESD204B K and CS values. Default shown.
Modify other JESD204B centric configurations in Register 0x82 to Register 0x8B and Register 0xA8.
0xFF
0x01
Transfer command for local Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com