Electronic Components Datasheet Search
  English  ▼

X  

AD9250 Datasheet(PDF) 31 Page - Analog Devices

Part # AD9250
Description  Dual Analog-to-Digital Converter
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9250 Datasheet(HTML) 31 Page - Analog Devices

Back Button AD9250 Datasheet HTML 27Page - Analog Devices AD9250 Datasheet HTML 28Page - Analog Devices AD9250 Datasheet HTML 29Page - Analog Devices AD9250 Datasheet HTML 30Page - Analog Devices AD9250 Datasheet HTML 31Page - Analog Devices AD9250 Datasheet HTML 32Page - Analog Devices AD9250 Datasheet HTML 33Page - Analog Devices AD9250 Datasheet HTML 34Page - Analog Devices AD9250 Datasheet HTML 35Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 45 page
background image
Data Sheet
AD9250
Rev. E | Page 31 of 45
The AD9250 digital outputs can interface with custom ASICs and
FPGA receivers, providing superior switching performance in
noisy environments. Single point-to-point network topologies are
recommended with a single differential 100 Ω termination resistor
placed as close to the receiver logic as possible. The common mode
of the digital output automatically biases itself to half the supply
of the receiver (that is, the common-mode voltage is 0.9 V for a
receiver supply of 1.8 V) if dc-coupled connecting is used (see
Figure 58). For receiver logic that is not within the bounds of
the DRVDD supply, use an ac-coupled connection. Simply place
a 0.1 µF capacitor on each output pin and derive a 100 Ω
differential termination close to the receiver side.
100Ω
100Ω
DIFFERENTIAL
TRACE PAIR
DRVDD
VCM = DRVDD/2
RECEIVER
SERDOUTx+
SERDOUTx–
OUTPUT SWING = VOD
(SEE TABLE 3)
Figure 58. DC-Coupled Digital Output Termination Example
If there is no far-end receiver termination, or if there is poor
differential trace routing, timing errors may result. To avoid
such timing errors, it is recommended that the trace length be
less than six inches, and that the differential output traces be
close together and at equal lengths.
Figure 59 shows an example of the digital output (default) data eye
and time interval error (TIE) jitter histogram and bathtub curve
for the AD9250 lane running at 5 Gbps.
Additional SPI options allow the user to further increase the
output driver voltage swing of all four outputs to drive longer
trace lengths (see Register 0x15 in Table 18). The power
dissipation of the DRVDD supply increases when this option is
used. See the Memory Map section for more details.
The format of the output data is twos complement by default.
To change the output data format to offset binary, see the
Memory Map section (Register 0x14 in Table 18).
0
–0.5
0.5
UIs
PERIOD1: HISTOGRAM
6000
7000
–10
0
TIME (ps)
10
5000
4000
1000
0
2000
3000
1–16
1–14
1–12
1–10
1–8
1–6
1–4
1–2
1
3
–
2
–
–100
–200
0
100
200
TIME (ps)
400
300
200
100
0
–100
–300
–400
–200
HEIGHT1: EYE DIAGRAM
1
–
TJ@BER1: BATHTUB
EYE: TRANSITION BITS OFFSET: –0.0072
UIs: 8000; 999992 TOTAL: 8000.999992
0.78 UI
Figure 59. AD9250 Digital Outputs Data Eye, Histogram and Bathtub, External 100 Ω Terminations at 5 Gbps
0
–0.5
0.5
UIs
PERIOD1: HISTOGRAM
4000
4500
–10
0
TIME (ps)
10
3500
3000
1000
0
2000
2500
1500
500
1–16
1–14
1–12
1–10
1–8
1–6
1–4
1–2
1
3
–
2
–
–250
–150
0
50
–50
150
250
TIME (ps)
400
300
200
100
0
–100
–300
–400
–200
HEIGHT1: EYE DIAGRAM
1
–
TJ@BER1: BATHTUB
0.84 UI
EYE: TRANSITION BITS OFFSET: 0
UIs: 8000; 679999 TOTAL: 8000; 679999
Figure 60. AD9250 Digital Outputs Data Eye, Histogram and Bathtub, External 100 Ω Terminations at 3.4 Gbps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com