Electronic Components Datasheet Search
  English  ▼

X  

AD9250 Datasheet(PDF) 23 Page - Analog Devices

Part # AD9250
Description  Dual Analog-to-Digital Converter
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9250 Datasheet(HTML) 23 Page - Analog Devices

Back Button AD9250 Datasheet HTML 19Page - Analog Devices AD9250 Datasheet HTML 20Page - Analog Devices AD9250 Datasheet HTML 21Page - Analog Devices AD9250 Datasheet HTML 22Page - Analog Devices AD9250 Datasheet HTML 23Page - Analog Devices AD9250 Datasheet HTML 24Page - Analog Devices AD9250 Datasheet HTML 25Page - Analog Devices AD9250 Datasheet HTML 26Page - Analog Devices AD9250 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 45 page
background image
Data Sheet
AD9250
Rev. E | Page 23 of 45
0.1µF
0.1µF
0.1µF
0.1µF
LVPECL
DRIVER
AD9515
127Ω
VDD
82.5Ω
127Ω
82.5Ω
CLOCK INPUT
CLOCK INPUT
RFCLK
ADC
50Ω Tx LINE
0.1µF
50Ω
Figure 50. Differential PECL RF Clock Input Circuit
Figure 50 shows the RF clock input of the AD9250 being driven
from the LVPECL outputs of the AD9515. The differential
LVPECL output signal from the AD9515 is converted to a single-
ended signal using an RF balun or RF transformer. The RF balun
configuration is recommended for clock frequencies associated
with the RF clock input.
Input Clock Divider
The AD9250 contains an input clock divider with the ability to
divide the Nyquist input clock by integer values between 1 and 8.
The RF clock input uses an on-chip predivider to divide the clock
input by four before it reaches the 1 to 8 divider. This allows
higher input frequencies to be achieved on the RF clock input. The
divide ratios can be selected using Register 0x09 and Register 0x0B.
Register 0x09 is used to set the RF clock input, and Register 0x0B
can be used to set the divide ratio of the 1-to-8 divider for both
the RF clock input and the Nyquist clock input. For divide ratios
other than 1, the duty-cycle stabilizer is automatically enabled.
RFCLK
NYQUIST
CLOCK
÷1 TO ÷8
DIVIDER
÷4
Figure 51. AD9250 Clock Divider Circuit
The AD9250 clock divider can be synchronized using the external
SYSREF input. Bit 1 and Bit 2 of Register 0x3A allow the clock
divider to be resynchronized on every SYSREF signal or only on
the first signal after the register is written. A valid SYSREF causes
the clock divider to reset to its initial state. This synchronization
feature allows multiple parts to have their clock dividers aligned to
guarantee simultaneous input sampling.
Clock Duty Cycle
Typical high speed ADCs use both clock edges to generate a
variety of internal timing signals and, as a result, may be sensitive to
clock duty cycle. Commonly, a ±5% tolerance is required on the
clock duty cycle to maintain dynamic performance characteristics.
The AD9250 contains a DCS that retimes the nonsampling (falling)
edge, providing an internal clock signal with a nominal 50% duty
cycle. This allows the user to provide a wide range of clock input
duty cycles without affecting the performance of the AD9250.
Jitter on the rising edge of the input clock is still of paramount
concern and is not reduced by the duty cycle stabilizer. The duty
cycle control loop does not function for clock rates less than
40 MHz nominally. The loop has a time constant associated
with it that must be considered when the clock rate can change
dynamically. A wait time of 1.5 μs to 5 μs is required after a
dynamic clock frequency increase or decrease before the DCS
loop is relocked to the input signal. During the time that the
loop is not locked, the DCS loop is bypassed, and the internal
device timing is dependent on the duty cycle of the input clock
signal. In such applications, it may be appropriate to disable the
duty cycle stabilizer. In all other applications, enabling the DCS
circuit is recommended to maximize ac performance.
Jitter Considerations
High speed, high resolution ADCs are sensitive to the quality of
the clock input. The degradation in SNR at a given input frequency
(fIN) due to jitter (tJ) can be calculated by
SNRHF = −10 log[(2π × fIN × tJRMS)2 + 10
)
10
/
(
LF
SNR
]
In the equation, the rms aperture jitter represents the root-mean-
square of all jitter sources, which include the clock input, the
analog input signal, and the ADC aperture jitter specification. IF
undersampling applications are particularly sensitive to jitter,
as shown in Figure 52.
80
75
70
65
60
55
50
1
10
100
1000
INPUT FREQUENCY (MHz)
0.05ps
0.2ps
0.5ps
1ps
1.5ps
MEASURED
Figure 52. AD9250-250 SNR vs. Input Frequency and Jitter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com