Electronic Components Datasheet Search
  English  ▼

X  

AD9250 Datasheet(PDF) 18 Page - Analog Devices

Part # AD9250
Description  Dual Analog-to-Digital Converter
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9250 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD9250 Datasheet HTML 14Page - Analog Devices AD9250 Datasheet HTML 15Page - Analog Devices AD9250 Datasheet HTML 16Page - Analog Devices AD9250 Datasheet HTML 17Page - Analog Devices AD9250 Datasheet HTML 18Page - Analog Devices AD9250 Datasheet HTML 19Page - Analog Devices AD9250 Datasheet HTML 20Page - Analog Devices AD9250 Datasheet HTML 21Page - Analog Devices AD9250 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 45 page
background image
AD9250
Data Sheet
Rev. E | Page 18 of 45
EQUIVALENT CIRCUITS
VIN
AVDD
Figure 27. Equivalent Analog Input Circuit
0.9V
15k
Ω
15k
Ω
CLK+
CLK–
AVDD
AVDD
AVDD
Figure 28. Equivalent Clock lnput Circuit
BIAS
CONTROL
10k
Ω
RFCLK
INTERNAL
CLOCK DRIVER
0.5pF
AVDD
Figure 29. Equivalent RF Clock lnput Circuit
VCM
DRVDD
SERDOUTx+
SERDOUTx–
3mA
3mA
3mA
3mA
RTERM
DRVDD
DRVDD
Figure 30. Digital CML Output Circuit
400
Ω
SDIO
31k
Ω
AVDD
Figure 31. Equivalent SDIO Circuit
400
Ω
31k
Ω
AVDD
SCLK/PWDN
Figure 32. Equivalent SCLK or PDWN Input Circuit
400
Ω
28k
Ω
AVDD
AVDD
CS
Figure 33. Equivalent CS Input Circuit
0.9V
17k
Ω
17k
Ω
SYSREF+
SYSREF–
AVDD
AVDD
AVDD
Figure 34. Equivalent SYSREF± Input Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com