Electronic Components Datasheet Search
  English  ▼

X  

SL1919 Datasheet(PDF) 14 Page - Zilog, Inc.

Part # SL1919
Description  ENHANCED Z180 MICROPROCESSOR
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

SL1919 Datasheet(HTML) 14 Page - Zilog, Inc.

Back Button SL1919 Datasheet HTML 10Page - Zilog, Inc. SL1919 Datasheet HTML 11Page - Zilog, Inc. SL1919 Datasheet HTML 12Page - Zilog, Inc. SL1919 Datasheet HTML 13Page - Zilog, Inc. SL1919 Datasheet HTML 14Page - Zilog, Inc. SL1919 Datasheet HTML 15Page - Zilog, Inc. SL1919 Datasheet HTML 16Page - Zilog, Inc. SL1919 Datasheet HTML 17Page - Zilog, Inc. SL1919 Datasheet HTML 18Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 70 page
background image
Z80180/Z8S180/Z8L180
Enhanced Z180 Microprocessor
Zilog
1-14
P R E L I M I N A R Y
DS971800401
Clocked Serial I/O (CSI/O). The CSIO channel provides a
half-duplex serial transmitter and receiver. This channel
can be used for simple high-speed data connection to an-
other microprocessor or microcomputer. TRDR is used for
both CSI/O transmission and reception. Thus, the system
design must ensure that the constraints of half-duplex op-
eration are met (Transmit and Receive operation cannot
occur simultaneously). For example, if a CSI/O transmis-
sion is attempted while the CSI/O is receiving data, a
CSI/O will not work. Also note that TRDR is not buffered.
Therefore, attempting to perform a CSI/O transmit while
the previous transmit data is still being shifted out causes
the shift data to be immediately updated, thereby corrupt-
ing the transmit operation in progress. Similarly, reading
TRDR while a transmit or receive is in progress should be
avoided.
OPERATION MODES
Z80®
versus
64180
Compatibility.
The
Z80180/Z8S180/Z8L180 is descended from two different
“ancestor” processors, Zilog's original Z80 and the Hitachi
64180. The Operating Mode Control Register (OMCR),
shown in Figure 8, can be programmed to select between
certain Z80 and 64180differences.
M1E (M1 Enable). This bit controls the M1 output and is
set to a 1 during reset.
When M1E=1, the M1 output is asserted Low during the
opcode fetch cycle, the INT0 acknowledge cycle, and the
first machine cycle of the NMI acknowledge.
On the Z80180/Z8S180/Z8L180, this choice makes the
processor fetch an RETI instruction once, and when fetch-
ing an RETI from zero-wait-state memory will use three
clock machine cycles, which are not fully Z80-timing com-
patible but are compatible with the on-chip CTCs.
When M1E=0, the processor does not drive M1 Low during
instruction fetch cycles, and after fetching an RETI instruc-
tion once with normal timing, it goes back and re-fetches
the instruction using fully Z80-compatible cycles that in-
clude driving M1 Low. This may be needed by some exter-
nal Z80 peripherals to properly decode the RETI instruc-
tion. Figure 9 and Table 4 show the RETI sequence when
M1E=0.
Figure 7. CSIO Block Diagram
Internal Address/Data Bus
CSI/O Transmit/Receive
Data Register:
TRDR (8)
CSI/O Control Register:
CNTR (8)
Baud Rate
Generator
TXS
RXS
CKS
φ
Interrupt Request
Figure 8. Operating Control Register
(OMCR: I/O Address = 3EH)
D7
Reserved
D6 D5 --
M1E (R/W)
--
--
--
--
/IOC (R/W)
/M1TE (W)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com