Electronic Components Datasheet Search
  English  ▼

X  

SL1919 Datasheet(PDF) 54 Page - Zilog, Inc.

Part # SL1919
Description  ENHANCED Z180 MICROPROCESSOR
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

SL1919 Datasheet(HTML) 54 Page - Zilog, Inc.

Back Button SL1919 Datasheet HTML 50Page - Zilog, Inc. SL1919 Datasheet HTML 51Page - Zilog, Inc. SL1919 Datasheet HTML 52Page - Zilog, Inc. SL1919 Datasheet HTML 53Page - Zilog, Inc. SL1919 Datasheet HTML 54Page - Zilog, Inc. SL1919 Datasheet HTML 55Page - Zilog, Inc. SL1919 Datasheet HTML 56Page - Zilog, Inc. SL1919 Datasheet HTML 57Page - Zilog, Inc. SL1919 Datasheet HTML 58Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 70 page
background image
Z80180/Z8S180/Z8L180
Enhanced Z180 Microprocessor
Zilog
1-54
P R E L I M I N A R Y
DS971800401
DMA I/O ADDRESS REGISTER CHANNEL 1
(IAR1: I/O Address = 2BH to 2DH) specifies the I/O ad-
dress for channel 1 transfers. This may be destination or
source I/O address. The register contains 16 bits of I/O ad-
dress; its most significant byte identifies the Request
Handshake signal and controls the Alternating Channel
feature.
All bits in IAR1B reset to 0.
DMA I/O Address Register Channel 1L
Mnemonic IAR1L
Address 2B
DMA I/O Address Register Channel 1H
Mnemonic IAR1H
Address 2C
DMA I/O Address Register Channel 1B
Mnemonic IAR1B
Address 2D
Figure 68. IAR MS Byte Register (IARIB: I/O Address 2DH)
Bit
A/T
A/T
76
54
3
2
1
0
F
C
TOUT
/DREQ
Req 1 Sel
Figure 69. DMA I/O Address Register Channel 1L
Figure 70. DMA I/O Address Register Channel 1H
Figure 71. DMA I/O Address Register Channel 1B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com