Electronic Components Datasheet Search
  English  ▼

X  

SL1919 Datasheet(PDF) 42 Page - Zilog, Inc.

Part # SL1919
Description  ENHANCED Z180 MICROPROCESSOR
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

SL1919 Datasheet(HTML) 42 Page - Zilog, Inc.

Back Button SL1919 Datasheet HTML 38Page - Zilog, Inc. SL1919 Datasheet HTML 39Page - Zilog, Inc. SL1919 Datasheet HTML 40Page - Zilog, Inc. SL1919 Datasheet HTML 41Page - Zilog, Inc. SL1919 Datasheet HTML 42Page - Zilog, Inc. SL1919 Datasheet HTML 43Page - Zilog, Inc. SL1919 Datasheet HTML 44Page - Zilog, Inc. SL1919 Datasheet HTML 45Page - Zilog, Inc. SL1919 Datasheet HTML 46Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 70 page
background image
Z80180/Z8S180/Z8L180
Enhanced Z180 Microprocessor
Zilog
1-42
P R E L I M I N A R Y
DS971800401
PE: Parity Error (bit 5). A parity error is detected when
parity checking is enabled by the MOD1 bit in the CNT1LA
register being 1, and a character has been assembled in
which the parity does not match the PEO bit in the CNTLB
register. However, this status bit is not set until/unless the
error character becomes the oldest one in the RxFIFO. PE
is cleared when software writes a 1 to the EFR bit in the
CNTRLA register, and also by Reset, in IOSTOP mode,
and for ASCI0 if the /DCD0 pin is auto-enabled and is ne-
gated (High).
FE: Framing Error (bit 4). A framing error is detected
when the stop bit of a character is sampled as 0/Space.
However, this status bit is not set until/unless the error
character becomes the oldest one in the RxFIFO. FE is
cleared when software writes a 1 to the EFR bit in the
CNTLA register, and also by Reset, in IOSTOP mode, and
for ASCIO if the /DCDO pin is auto-enabled and is negated
(High).
REI: Receive Interrupt Enable (bit 3). RIE should be set
to 1 to enable ASCI receive interrupt requests. When RIE
is 1, the Receiver requests an interrupt when a character
is received and RDRF is set, but only if neither DMA chan-
nel has its Request-routing field set to receive data from
this ASCI. That is, if SM1-0 are 11 and SAR17-16 are 10,
or DIM1 is 1 and IAR17-16 are 10, then ASCI1 doesn't re-
quest an interrupt for RDRF. If RIE is 1, either ASCI re-
quests an interrupt when OVRN, PE or FE is set, and
ASCI0 requests an interrupt when /DCD0 goes High. RIE
is cleared to 0 by Reset.
DCD0: Data Carrier Detect (bit 2 STAT0). This bit is set
to 1 when the pin is High. It is cleared to 0 on the first read
of STAT0 following the pin's transition from High to Low
and during RESET. Bit 6 of the ASEXT0 register is 0 to se-
lect auto-enabling, and the pin is negated (High). Channel
1 has an external CTS1 input which is multiplexed with the
receive data pin RSX for the CSI/O.
Bit 2 = 0; Select RXS function.
Bit 2 = 1; Select CTS1 function.
TDRE: Transmit Data Register Empty (bit 1). TDRE = 1
indicates that the TDR is empty and the next transmit data
byte is written to TDR. After the byte is written to TDR,
TDRE is cleared to 0 until the ASCI transfers the byte from
TDR to the TSR and then TDRE is again set to 1. TDRE is
set to 1 in IOSTOP mode and during RESET. On ASCIO,
if the CTS0 pin is auto-enabled in the ASEXT0 registers
and the pin is High, TDRE is reset to 0.
TIE: Transmit Interrupt Enable (bit 0). TIE should be set
to 1 to enable ASCI transmit interrupt requests. If TIE = 1,
an interrupt will be requested when TDRE = 1. TIE is
cleared to 0 during RESET.
ASCI TRANSMIT DATA REGISTERS
Register addresses 06H and 07H hold the ASCI transmit
data for channel 0 and channel 1, respectively.
Channel 0
Mnemonics TDR0
Address (06H)
Channel 1
Mnemonics TDR1
Address (07H)
Figure 36. ASCI Register
ASCI Transmit
--
--
--
--
--
--
--
76
5
4
3
2
1
0
--
--
Channel 0
Figure 37. ASCI Register
ASCI Transmit
--
--
--
--
--
--
--
76
5
4
3
2
1
0
--
--
Channel 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com