Electronic Components Datasheet Search
  English  ▼

X  

SL1919 Datasheet(PDF) 35 Page - Zilog, Inc.

Part # SL1919
Description  ENHANCED Z180 MICROPROCESSOR
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

SL1919 Datasheet(HTML) 35 Page - Zilog, Inc.

Back Button SL1919 Datasheet HTML 31Page - Zilog, Inc. SL1919 Datasheet HTML 32Page - Zilog, Inc. SL1919 Datasheet HTML 33Page - Zilog, Inc. SL1919 Datasheet HTML 34Page - Zilog, Inc. SL1919 Datasheet HTML 35Page - Zilog, Inc. SL1919 Datasheet HTML 36Page - Zilog, Inc. SL1919 Datasheet HTML 37Page - Zilog, Inc. SL1919 Datasheet HTML 38Page - Zilog, Inc. SL1919 Datasheet HTML 39Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 70 page
background image
Z80180/Z8S180/Z8L180
Zilog
Enhanced Z180 Microprocessor
DS971800401
P R E L I M I N A R Y
1-35
1
CPU CONTROL REGISTER
CPU Control Register (CCR). This register controls the
basic clock rate, certain aspects of Power-Down modes,
and output drive/low noise options (Figure 31).
Bit 7. Clock Divide Select. If this bit is 0, as it is after a Re-
set, the Z80180/Z8S180/Z8L180 divides the frequency on
the XTAL pin(s) by two to obtain its master clock PHI. If this
bit is programmed as 1, the part uses the XTAL frequency
as PHI without division.
If an external oscillator is used in divide-by-one mode, the
minimum pulse width requirement given in the AC Charac-
teristics must be satisfied.
Bits 6 and 3. STANDBY/IDLE Control. When these bits
are
both
0,
a
SLP
instruction
makes
the
Z80180/Z8S180/Z8L180 enter SLEEP or SYSTEM STOP
mode, depending on the IOSTOP bit (ICR5).
When D6 is 0 and D3 is 1, setting the IOSTOP bit (ICR5)
and
executing
a
SLP
instruction
puts
the
Z80180/Z8S180/Z8L180 into IDLE mode in which the on-
chip oscillator runs, but its output is blocked from the rest
of the part, including PHI out.
When D6 is 1 and D3 is 0, setting IOSTOP (ICR5) and ex-
ecuting a SLP instruction puts the part into STANDBY
mode, in which the on-chip oscillator is stopped and the
part allows 217 (128K) clock cycles for the oscillator to sta-
bilize when it's restarted.
When D6 and D3 are both 1, setting IOSTOP (ICR5) and
executing a SLP instruction puts the part into QUICK RE-
COVERY STANDBY mode, in which the on-chip oscillator
is stopped, and the part allows only 64 clock cycles for the
oscillator to stabilize when it's restarted.
The latter section, HALT and LoW POWER Modes, de-
scribes the subject more fully.
Bit 5 BREXT. This bit controls the ability of the
Z8S180/Z8L180 to honor a bus request during STANDBY
mode. If this bit is set to 1 and the part is in STANDBY
mode, a BUSREQ is honored after the clock stabilization
timer is timed out.
Bit 4 LNPHI. This bit controls the drive capability on the
PHI Clock output. If this bit is set to 1, the PHI Clock output
will be reduced to 33 percent of its drive capability.
Figure 31. CPU Control Register (CCR) Address 1FH
D7
LNAD/DATA
D6 D5 D4 D3 D2 D1 D0
CPU Control Register (CCR)
0 = Standard Drive
1 = 33% Drive on
A19-A0, D7-D0
LNCPUCTL
0 = Standard Drive
1 = 33% Drive on CPU
Control Signals
LNIO
0 = Standard Drive
1 = 33% Drive on
Group 1 I/O Signals
LNPHI
0 = Standard Drive
1 = 33% Drive on
PHI Pin
Clock Divide
0 = XTAL/2
1 = XTAL/1
STANDBY/IDLE Enable
00 = No STANDBY
01 = IDLE After SLEEP
10 = STANDBY After SLEEP
11 = STANDBY After SLEEP
64-Cycle Exit
(QUICK RECOVERY)
BREXT
0 = Ignore BUSREQ
on STANDBY/IDLE
1 = STANDBY/IDLE Exit
on BUSREQ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com