Electronic Components Datasheet Search
  English  ▼

X  

SL1919 Datasheet(PDF) 63 Page - Zilog, Inc.

Part # SL1919
Description  ENHANCED Z180 MICROPROCESSOR
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

SL1919 Datasheet(HTML) 63 Page - Zilog, Inc.

Back Button SL1919 Datasheet HTML 59Page - Zilog, Inc. SL1919 Datasheet HTML 60Page - Zilog, Inc. SL1919 Datasheet HTML 61Page - Zilog, Inc. SL1919 Datasheet HTML 62Page - Zilog, Inc. SL1919 Datasheet HTML 63Page - Zilog, Inc. SL1919 Datasheet HTML 64Page - Zilog, Inc. SL1919 Datasheet HTML 65Page - Zilog, Inc. SL1919 Datasheet HTML 66Page - Zilog, Inc. SL1919 Datasheet HTML 67Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 70 page
background image
Z80180/Z8S180/Z8L180
Zilog
Enhanced Z180 Microprocessor
DS971800401
P R E L I M I N A R Y
1-63
1
MMU BANK BASE REGISTER (BBR).
Mnemonic BBR
Address 39
BBR specifies the base address (on 4 KB boundaries)
used to generate a 19-bit physical address for Bank Area
accesses. All bits of BBR are reset to 0 during RESET.
MMU COMMON/BANK AREA REGISTER (CBAR).
Mnemonic CBAR
Address 3A
CBAR
specifies
boundaries
within
the
Z80180/Z8S180/Z8L180 64 KB logical address space for
up to three areas; Common Area), Bank Area and Com-
mon Area 1.
CA3-CA0:CA (bits 7-4). CA specifies the start (Low) ad-
dress (on 4 KB boundaries) for the Common Area 1. This
also determines the last address of the Bank Area. All bits
of CA are set to 1 during RESET.
BA-BA0 (bits 3-0). BA specifies the start (Low) address
(on 4 KB boundaries) for the Bank Area. This also deter-
mines the last address of the Common Area 0. All bits of
BA are set to 1 during RESET.
Figure 80. MMU Bank Base Register (BBR: I/O Address = 39H)
Bit
BB7
BB6
R/W
BB5
76
5
4
3
21
0
BB4
BB2
BB1
BB0
R/W
BB3
R/W
R/W
R/W
R/W
R/W
R/W
Figure 81. MMU Common/Bank Area Register (CBAR: I/O Address = 3 AH
Bit
CA3
CA2
R/W
CA1
76
5
4
3
21
0
CA0
BA2
BA1
BA0
MMU Common/Bank Area Register (CBAR: I/O Address = 3 AH)
R/W
BA3
R/W
R/W
R/W
R/W
R/W
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com