Electronic Components Datasheet Search
  English  ▼

X  

SL1919 Datasheet(PDF) 24 Page - Zilog, Inc.

Part # SL1919
Description  ENHANCED Z180 MICROPROCESSOR
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

SL1919 Datasheet(HTML) 24 Page - Zilog, Inc.

Back Button SL1919 Datasheet HTML 20Page - Zilog, Inc. SL1919 Datasheet HTML 21Page - Zilog, Inc. SL1919 Datasheet HTML 22Page - Zilog, Inc. SL1919 Datasheet HTML 23Page - Zilog, Inc. SL1919 Datasheet HTML 24Page - Zilog, Inc. SL1919 Datasheet HTML 25Page - Zilog, Inc. SL1919 Datasheet HTML 26Page - Zilog, Inc. SL1919 Datasheet HTML 27Page - Zilog, Inc. SL1919 Datasheet HTML 28Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 70 page
background image
Z80180/Z8S180/Z8L180
Enhanced Z180 Microprocessor
Zilog
1-24
P R E L I M I N A R Y
DS971800401
DC CHARACTERISTICS
Note: Vcc = 5V + 10%, Vss = 0V over specified temperature range unless otherwise noted.
Symbol
Item
Condition
Min.
Typ.
Max.
Unit
VIH1
Input “H” Voltage
/RESET, EXTAL, /NMI
Vcc -0.6
–
Vcc +0.3
V
VIH2
Input “H” Voltage
Except /RESET, EXTAL, /NMI
2.0
–
Vcc +0.3
V
VIH3
Input “H” Voltage
Except CKS, CKA0, CKA1
2.4
–
Vcc +0.3
V
VIL1
Input “L” Voltage
/RESET, EXTAL, /NMI
-0.3
–
0.6
V
VIL2
Input “L” Voltage
Except /RESET, EXTAL, /NMI
-0.3
–
0.8
V
VOH
Outputs “H” Voltage
All outputs
IOH = -200 µA
2.4
–
–
V
IOH = -20 µAVcc -1.2
–
–
VOL
Outputs “L” Voltage
All outputs
IOL = -2.2 µA
–
–
0.45
V
IIL
Input Leakage
Current All Inputs
Except XTAL, EXTAL
VIN = 0.5 ~ Vcc -0.5
–
–
1.0
µA
ITL
Three State Leakage
Current
VIN = 0.5 ~ Vcc -0.5
–
–
1.0
µA
ICC*
Power Dissipation*
(Normal Operation)
F = 6 MHz
–
15
40
MA
F = 8 MHz
–
20
50
F = 10 MHz**
–
25
60
Power Dissipation*
(SYSTEM STOP mode)
F = 6 MHz
–
3.8
12.5
F = 8 MHz
–
5
15
F = 10 MHz**
–
6.3
17.5
CP
Pin Capacitance
VIN = 0V, f = 1 MHz
Ta = 25
° C
–
–
12
pF
Note: **
VIHmin = VCC -1.0V, VILmax = 0.8V (all output terminals are at no load.) VCC = 5.0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com